Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54225IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL54225IRTZ
Descripción Electrónicos  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54225IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54225IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 12Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 13Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 14Page - Intersil Corporation ISL54225IRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN7627.0
July 2, 2010
LOGIC CONTROL
The state of the ISL54225 device is determined by the
voltage at the SEL pin and the OE pin. SEL is only active
when the OE pin is logic “0” (Low). Refer to “Truth Table”
on page 2.
The ISL54225 logic pins are designed to minimize
current consumption when the logic control voltage is
lower than the VDD supply voltage. With VDD = 3.6V and
logic pins at 1.4V, the part typically draws only 25µA.
With VDD = 4.3V and logic pins at 2.6V, the part typically
draws only 35µA. Driving the logic pins to the VDD supply
rail minimizes power consumption.
The SEL pin and OE pin have special circuitry that allows
them to be driven with a voltage higher than the VDD
supply voltage. These pins can be driven up to 5.25V
with a VDD supply in the range of 2.7V to 5.25V.
The SEL pin is internally pulled low through 4MΩ resistor
to ground. The OE pin is internally pulled high through a
4MΩ resistor to VDD. These pins can be tri-stated by a
µProcessor or left floating.
Logic Control Voltage Levels
HSD1 USB Channel
If the SEL pin = Logic “0” and the OE pin = Logic “0”,
high-speed Channel 1 will be ON. The HSD1- and HSD1+
switches are ON and the HSD2- and HSD2+ switches are
OFF (high impedance).
When a computer or USB hub is plugged into the
common USB connector and Channel 1 is active, a link
will be established between the USB 1 transceiver section
of the media player and the computer. The device will be
able to transmit and receive data from the computer.
HSD2 USB Channel
If the SEL pin = Logic “1” and the OE pin = Logic “0”,
high-speed Channel 2 will be ON. The HSD2- and HSD2+
switches are ON and the HSD1- and HSD1+ switches are
OFF (high impedance).
When a USB cable from a computer or USB hub is
connected at the common USB connector and the part
has Channel 2 active, a link will be established between
the USB 2 driver section of the media player and the
computer. The device will be able to transmit and receive
data from the computer.
All Switches OFF Mode
If the SEL pin = Logic “0” and the OE pin = Logic “1”, all of
the switches will turn OFF (high impedance) and the part
will be put in a low power mode. In this mode, the part
draws only 10µA (max) of current across the operating
temperature range. In the low power mode, the persistence
checking of the OVP circuitry is de-activated.
If the SEL pin = Logic “1” and the OE pin = Logic “1”, all
of the switches will turn OFF (high impedance). In this
state the complete OTV circuitry is activated.
The all OFF state can be used to switch between the two
USB sections of the media player. When disconnecting
from one USB device to the other USB device, you can
momentarily put the ISL54225 switch in the “all off”
state in order to get the computer to disconnect from
the one device so it can properly connect to the other
USB device when that channel is turned ON.
Whenever the ISL54225 senses a fault condition on the
COM pins, all switches will be turned OFF regardless of
the voltage levels at the SEL and OE pins.
USB 2.0 VBUS Short Requirements
The USB specification in section 7.1.1 states a USB
device must be able to withstand a VBUS short (4.4V to
5.25V) or a -1V short to the D+ or D- signal lines when
the device is either powered off or powered on for at
least 24 hours.
The ISL54225 part has special power-off protection and
OVP detection circuitry to meet these short circuit
requirements. This circuitry allows the ISL54225 to
provide protection to the USB down-stream transceivers
connected at its signal pins (HS1D-, HS1D+, HS2D-,
HS2D+) to meet the USB specification short circuit
requirements.
The power-off protection and OVP circuitry allows the COM
pins (D-, D+) to be driven up to 5.25V or down to -5V while
the VDD supply voltage is in the range of 0V to 5.25V. In
these overvoltage conditions with a 500Ω external VDD
resistor, the part draws < 55µA of current into the COM pins
and causes no stress/damage to the IC. In addition, all
switches are OFF and the shorted VBUS voltage will be
isolated from getting through to the other side of the switch
channels, thereby protecting the USB transceivers.
TABLE 2. LOGIC CONTROL VOLTAGE LEVELS
VDD SUPPLY
RANGE
LOGIC = “0” (LOW)
LOGIC = “1”
(HIGH)
OE
SEL
OE
SEL
2.7V to 3.6V
≤ 0.5V
≤ 0.5V
or
floating
≥1.4V
or
floating
≥1.4V
3.7V to 4.2V
≤ 0.7V
≤ 0.7V
or
floating
≥1.7V
or
floating
≥1.7V
4.3V to 5.25V
≤ 0.8V
≤ 0.8V
or
floating
≥2.0V
or
floating
≥2.0V
ISL54225


Número de pieza similar - ISL54225IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54225IRTZ RENESAS-ISL54225IRTZ Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRTZ-T RENESAS-ISL54225IRTZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRTZEVAL1Z RENESAS-ISL54225IRTZEVAL1Z Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
More results

Descripción similar - ISL54225IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com