Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB540 Datasheet(PDF) 2 Page - Sirectifier Global Corp.

No. de pieza SB540
Descripción Electrónicos  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECT [Sirectifier Global Corp.]
Página de inicio  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB540 Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SB540 Datasheet HTML 1Page - Sirectifier Global Corp. SB540 Datasheet HTML 2Page - Sirectifier Global Corp. SB540 Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
1
3
5
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
2
150
125
100
75
50
25
4
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
40
100
60
80
20
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
SB54
0 – S
B560
SB51
00 –
SB52
00
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
SB540 ~ SB5200
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Número de pieza similar - SB540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB540 PANJIT-SB540 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Diotec Semiconductor
SB540 DIOTEC-SB540 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Won-Top Electronics
SB540 WTE-SB540 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
logo
DONGGUAN YOU FENG WEI E...
SB540 YFWDIODE-SB540 Datasheet
74Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Changzhou Shunye Electr...
SB540 SY-SB540 Datasheet
568Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com