Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML2030TRPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRLML2030TRPBF
Descripción Electrónicos  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLML2030TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLML2030TRPBF Datasheet HTML 1Page - International Rectifier IRLML2030TRPBF Datasheet HTML 2Page - International Rectifier IRLML2030TRPBF Datasheet HTML 3Page - International Rectifier IRLML2030TRPBF Datasheet HTML 4Page - International Rectifier IRLML2030TRPBF Datasheet HTML 5Page - International Rectifier IRLML2030TRPBF Datasheet HTML 6Page - International Rectifier IRLML2030TRPBF Datasheet HTML 7Page - International Rectifier IRLML2030TRPBF Datasheet HTML 8Page - International Rectifier IRLML2030TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML2030TRPbF
2
www.irf.com
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.03
–––
V/°C
–––
123
154
–––80100
VGS(th)
Gate Threshold Voltage
1.3
1.7
2.3
V
IDSS
–––
–––
1
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
7.6
–––
Ω
gfs
Forward Transconductance
2.6
–––
–––
S
Qg
Total Gate Charge
–––
1.0
–––
Qgs
Gate-to-Source Charge
–––
0.34
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
0.34
–––
td(on)
Turn-On Delay Time
–––
4.1
–––
tr
Rise Time
–––
3.3
–––
td(off)
Turn-Off Delay Time
–––
4.5
–––
tf
Fall Time
–––
2.9
–––
Ciss
Input Capacitance
–––
110
–––
Coss
Output Capacitance
–––
29
–––
Crss
Reverse Transfer Capacitance
–––
12
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
9.0
14
ns
Qrr
Reverse Recovery Charge
–––
0.3
0.4
nC
di/dt = 100A/μs
d
VGS = 20V
VGS = -20V
TJ = 25°C, IS = 2.7A, VGS = 0V
d
integral reverse
p-n junction diode.
VDS = 10V, ID = 2.7A
ID = 2.7A
ID = 1.0A
TJ = 25°C, VR = 15V, IF=2.7A
MOSFET symbol
showing the
VDS =15V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 15V
ƒ = 1.0MHz
RG = 6.8Ω
VGS = 4.5V d
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 2.2A d
VDS = VGS, ID = 25μA
VDS =24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = 10V, ID = 2.7A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Ω
VDD =15Vd
nA
nC
ns
pF
A
1.6
11
–––
–––
–––
–––


Número de pieza similar - IRLML2030TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML2030TRPBF IRF-IRLML2030TRPBF Datasheet
272Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
logo
ZP Semiconductor
IRLML2030TRPBF ZPSEMI-IRLML2030TRPBF Datasheet
250Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML2030TRPBF VBSEMI-IRLML2030TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Infineon Technologies A...
IRLML2030TRPBF INFINEON-IRLML2030TRPBF Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
IRLML2030TRPBF INFINEON-IRLML2030TRPBF Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

Descripción similar - IRLML2030TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com