Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G07SE Datasheet(PDF) 8 Page - Diodes Incorporated

No. de pieza 74LVC1G07SE
Descripción Electrónicos  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G07SE Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC1G07SE Datasheet HTML 2Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 3Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 4Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 5Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 6Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 7Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 8Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 9Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74LVC1G07
SINGLE BUFFER/DRIVER WITH
OPEN DRAIN OUTPUT
74LVC1G07
Document number: DS32274 Rev. 1 - 2
8 of 10
www.diodes.com
July 2010
© Diodes Incorporated
Ordering Information
74LVC1G 07 XX - 7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
07 : Buffer/Driver
With Open Drain
SE : SOT353
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One gate
Device
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G07W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G07SE-7
SE
SOT353
3000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74LVC1G07W5
SOT25
UN
74LVC1G07SE
SOT353
UN


Número de pieza similar - 74LVC1G07SE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVC1G07SE DIODES-74LVC1G07SE Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
More results

Descripción similar - 74LVC1G07SE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com