Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5749ACPZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5749ACPZ
Descripción Electrónicos  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5749ACPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5749ACPZ Datasheet HTML 7Page - Analog Devices AD5749ACPZ Datasheet HTML 8Page - Analog Devices AD5749ACPZ Datasheet HTML 9Page - Analog Devices AD5749ACPZ Datasheet HTML 10Page - Analog Devices AD5749ACPZ Datasheet HTML 11Page - Analog Devices AD5749ACPZ Datasheet HTML 12Page - Analog Devices AD5749ACPZ Datasheet HTML 13Page - Analog Devices AD5749ACPZ Datasheet HTML 14Page - Analog Devices AD5749ACPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5749
Rev. 0 | Page 11 of 28
0.020
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA EXTERNAL RSET POSITIVE TUE
0mA TO 24mA EXTERNAL RSET POSITIVE TUE
4mA TO 20mA EXTERNAL RSET NEGATIVE TUE
0mA TO 24mA EXTERNAL RSET NEGATIVE TUE
Figure 11. Total Unadjusted Error Current Mode, External RSET Sense Resistor
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
–0.025
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA INTERNAL RSET NEGATIVE TUE
0mA TO 24mA INTERNAL RSET NEGATIVE TUE
0mA TO 24mA INTERNAL RSET POSITIVE TUE
4mA TO 20mA INTERNAL RSET POSITIVE TUE
Figure 12. Total Unadjusted Error Current Mode, Internal RSET Sense Resistor
0.003
0.004
0.005
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET LINEARITY
0mA TO 24mA INTERNAL RSET LINEARITY
Figure 13. Integral Nonlinearity Error vs. Temperature,
Internal RSET Sense Resistor
0.003
0.004
0.005
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA EXTERNAL RSET LINEARITY
0mA TO 24mA EXTERNAL RSET LINEARITY
Figure 14. Integral Nonlinearity Error vs. Temperature,
External RSET Sense Resistor
0.06
0.08
0.10
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET POSITIVE TUE
0mA TO 24mA INTERNAL RSET POSITIVE TUE
4mA TO 20mA INTERNAL RSET NEGATIVE TUE
0mA TO 24mA INTERNAL RSET NEGATIVE TUE
Figure 15. Total Unadjusted Error vs. Temperature, Internal RSET Sense Resistor
0.06
0.08
0.10
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA EXTERNAL RSET POSITIVE TUE
0mA TO 24mA EXTERNAL RSET POSITIVE TUE
4mA TO 20mA EXTERNAL RSET NEGATIVE TUE
0mA TO 24mA EXTERNAL RSET NEGATIVE TUE
Figure 16. Total Unadjusted Error vs. Temperature, External RSET Sense Resistor


Número de pieza similar - AD5749ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5749ACPZ AD-AD5749ACPZ Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ-RL7 AD-AD5749ACPZ-RL7 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
More results

Descripción similar - AD5749ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com