Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5755-1x Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5755-1x
Descripción Electrónicos  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5755-1x Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5755-1x Datasheet HTML 7Page - Analog Devices AD5755-1x Datasheet HTML 8Page - Analog Devices AD5755-1x Datasheet HTML 9Page - Analog Devices AD5755-1x Datasheet HTML 10Page - Analog Devices AD5755-1x Datasheet HTML 11Page - Analog Devices AD5755-1x Datasheet HTML 12Page - Analog Devices AD5755-1x Datasheet HTML 13Page - Analog Devices AD5755-1x Datasheet HTML 14Page - Analog Devices AD5755-1x Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Preliminary Technical Data
AD5755-1
Rev. PrD | Page 11 of 34
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
AVDD to AGND, DGND
−0.3 V to +33 V
AVSS to AGND, DGND
+0.3 V to −28 V
AVDD to AVSS
−0.3 V to +60 V
AVcc to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVDD + 0.3 V or
+7 V (whichever is less)
Digital Outputs to DGND
−0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND
−0.3 V to AVDD + 0.3 V or +7
V (whichever is less)
VOUTA, VOUTB, VOUTC, VOUTD to
AGND
AVSS to AVDD
+VSENSEA,B,C,D to AGND
AVSS to ADDD
COMPLVA,B,C,D to AGND
0.3 V to +5 V
IOUT A,B,C,D to AGND
−0.3 V to AVDD
RSETA,B,C,D to AGND
−0.3 V to AVDD + 0.3 V or +7
V (whichever is less)
SWA,B,C,D / VBOOSTA,B,C,D to AGND
−0.3 to +33 V
COMPDCDC_A,B,C,D/ CHARTA,B,C,D to AGND −0.3 V to +5 V
AGND, GNDSWA,B,C,D to DGND
−0.3 V to +0.3 V
Operating Temperature Range (TA)
Industrial1
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
64-Lead LFCSP
θJA Thermal Impedance2
20°C/W
Power Dissipation
(TJmax – TA)/θJA
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
1 Power dissipated on chip must be derated to keep the junction temperature
below 125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
2 Based on a JEDEC 4 layer test board


Número de pieza similar - AD5755-1x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755-1 AD-AD5755-1 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5755-1 AD-AD5755-1 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Descripción similar - AD5755-1x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com