Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4-1415899-2 Datasheet(PDF) 2 Page - Tyco Electronics |
|
4-1415899-2 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 4 page Datasheet Rev. IK1 Issued 2009/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' section in the cat- alogue or at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. General Purpose Relays 2 SCHRACK Power PCB Relay RZ (Continued) Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC c mW D005 5 3.5 0.5 60 +10% 420 D006 6 4.2 0.6 90 +10% 400 D009 9 6.3 0.9 200 +10% 400 D012 12 8.4 1.2 360 +10% 400 D024 24 16.8 2.4 1440 +10% 400 D048 48 33.6 4.8 5730 +10% 400 All figures are given for coil without preenergization, at ambient temperature +23°C Continuous thermal load > 10 A at 105°C requires reduction of coil power to 64% of rated power after 100 ms. Other coil voltages on request Insulation Dielectric strength coil-contact circuit 5000 Vrms open contact circuit 1000 Vrms Clearance / creepage coil-contact circuit W 10 / 10 mm Material group of insulation parts IIIa Tracking index of relay base PTI 250 V Insulation to EN61810-1 Type of insulation coil-contact circuit reinforced open contact circuit micro disconnection Rated insulation voltage 250 V Pollution degree 12 A version 3 3 16 A version 3 2 Rated voltage system 240 V 230 / 400 V Overvoltage category III Other data Mechanical endurance > 10 x 106 cycles Material RoHS - Directive 2002/95/EC compliant Resistance to heat and fire according EN60335-1, par.30 Environment Ambient temperature range Standard version -40...+85°C HOT version -40...+105°C Vibration resistance (function; 30...500 Hz) closing NO contact > 15 g opening NO contact > 20 g opening NC contact > 5 g Shock resistance (destruction) 100 g Category of protection RTII - flux proof, RTIII - wash tight Processing Mounting pcb Mounting distance Standard version W 0 mm HOT version W 2 mm Resistance to soldering heat flux proof version 270°C / 10 s Relay weight 10 g Packaging unit 20 / 500 pcs PCB layout / terminal assignment Bottom view on solder pins 1 CO contact 1 NO contact 1 CO contact 1 NO contact S0163-BE S0163-BG S0163-BH S0163-BF 12 A, pinning 3.5 mm 16 A, pinning 5 mm Recommended pcb hole for manual mounting: k1.3 For automated mounting please ask for detailed drawing. |
Número de pieza similar - 4-1415899-2 |
|
Descripción similar - 4-1415899-2 |