Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3L501ERUAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS3L501ERUAR
Descripción Electrónicos  16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3L501ERUAR Datasheet(HTML) 4 Page - Texas Instruments

  TS3L501ERUAR Datasheet HTML 1Page - Texas Instruments TS3L501ERUAR Datasheet HTML 2Page - Texas Instruments TS3L501ERUAR Datasheet HTML 3Page - Texas Instruments TS3L501ERUAR Datasheet HTML 4Page - Texas Instruments TS3L501ERUAR Datasheet HTML 5Page - Texas Instruments TS3L501ERUAR Datasheet HTML 6Page - Texas Instruments TS3L501ERUAR Datasheet HTML 7Page - Texas Instruments TS3L501ERUAR Datasheet HTML 8Page - Texas Instruments TS3L501ERUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TS3L501E
SCDS307A – SEPTEMBER 2010 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
for 1000 Base-T Ethernet switching over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VIK
SEL, PD
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL, PD
VDD = 3.6 V,
VIN = VDD
±2
mA
IIL
SEL, PD
VDD = 3.6 V,
VIN = GND
±1
mA
IOFF
SEL, PD
VDD = 0 V,
VIN = 0 to 3.6 V
±1
mA
ICC
VDD = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
mA
ICC_PD
VDD = 3.6 V,
VIN = 3.6 V,
PD = High
1
CIN
SEL, PD
f = 1 MHz,
VIN = 0
2.6
3.0
pF
COFF
B or C port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
9
9.8
pF
ron
VDD = 3 V,
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
4
8
ron(flat)
(3)
VDD = 3 V,
VI = 1.5 V and VDD,
IO = –40 mA
0.7
Δron
(4)
VDD = 3 V,
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
0.8
1.5
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
Δron is the difference of ron from center (A4, A5) ports to any other port.
ELECTRICAL CHARACTERISTICS
for 10/100 Base-T Ethernet switching over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2) MAX
UNIT
VIK
SEL, PD
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL, PD
VDD = 3.6 V,
VIN = VDD
±2
mA
IIL
SEL, PD
VDD = 3.6 V,
VIN = GND
±1
mA
IOFF
SEL, PD
VDD = 0 V,
VIN = 0 to 3.6 V
±1
mA
ICC
VDD = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
mA
ICC_PD
VDD = 3.6 V,
VIN = 3.6 V,
PD = High
1
CIN
SEL, PD
f = 1 MHz,
VIN = 0
2.6
3.0
pF
COFF
B or C port
VI = 0,
f = 10 MHz,
Outputs open,
Switch OFF
3
4
pF
CON
VI = 0,
f = 10 MHz,
Outputs open,
Switch ON
9
9.8
pF
ron
VDD = 3 V,
1.25 V
≤ VI ≤ VDD,
IO = –10 mA to –30 mA
4
6
ron(flat)
(3)
VDD = 3 V,
VI = 1.25 V and VDD,
IO = –10 mA to –30 mA
0.5
Δron
(4)
VDD = 3 V,
1.25 V
≤ VI ≤ VDD,
IO = –10 mA to –30 mA
0.8
1.5
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
Δron is the difference of ron from center (A4, A5) ports to any other port.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3L501E


Número de pieza similar - TS3L501ERUAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3L501ERUAR TI-TS3L501ERUAR Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results

Descripción similar - TS3L501ERUAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L301D PERICOM-PI3L301D Datasheet
426Kb / 9P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com