Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7754GPBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF7754GPBF
Descripción Electrónicos  HEXFET짰 Power MOSFET Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7754GPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7754GPBF Datasheet HTML 1Page - International Rectifier IRF7754GPBF Datasheet HTML 2Page - International Rectifier IRF7754GPBF Datasheet HTML 3Page - International Rectifier IRF7754GPBF Datasheet HTML 4Page - International Rectifier IRF7754GPBF Datasheet HTML 5Page - International Rectifier IRF7754GPBF Datasheet HTML 6Page - International Rectifier IRF7754GPBF Datasheet HTML 7Page - International Rectifier IRF7754GPBF Datasheet HTML 8Page - International Rectifier IRF7754GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7754GPbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
10 V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-VGS, Gate -to -Source Voltage (V)
0.010
0.020
0.030
0.040
0.050
0.060
0.070
ID = -5.5A
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
0.0
5.0
10.0
15.0
20.0
25.0
-ID , Drain Current ( A )
0
0.02
0.04
0.06
0.08
0.1
VGS= -2.5V
VGS= -1.8V
VGS= -4.5V


Número de pieza similar - IRF7754GPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7754 IRF-IRF7754 Datasheet
144Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7754PBF IRF-IRF7754PBF Datasheet
240Kb / 9P
   Ultra Low On-Resistance
IRF7754TRPBF IRF-IRF7754TRPBF Datasheet
240Kb / 9P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRF7754GPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7700GPBF IRF-IRF7700GPBF Datasheet
246Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7755GPBF IRF-IRF7755GPBF Datasheet
240Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7701GPBF IRF-IRF7701GPBF Datasheet
241Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7705GPBF IRF-IRF7705GPBF Datasheet
240Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
IRF7757GPBF IRF-IRF7757GPBF Datasheet
244Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7704GPBF IRF-IRF7704GPBF Datasheet
250Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7703GPBF IRF-IRF7703GPBF Datasheet
243Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com