Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54224 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL54224
Descripción Electrónicos  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54224 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54224 Datasheet HTML 2Page - Intersil Corporation ISL54224 Datasheet HTML 3Page - Intersil Corporation ISL54224 Datasheet HTML 4Page - Intersil Corporation ISL54224 Datasheet HTML 5Page - Intersil Corporation ISL54224 Datasheet HTML 6Page - Intersil Corporation ISL54224 Datasheet HTML 7Page - Intersil Corporation ISL54224 Datasheet HTML 8Page - Intersil Corporation ISL54224 Datasheet HTML 9Page - Intersil Corporation ISL54224 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6969.0
June 7, 2010
COM ON Capacitance,
CDX(ON)
f = 240MHz, VDD = 3.3V, SEL = 0V or 3.3V,
OE/ALM = VDD (see Figure 4)
25
-
3.3
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
5.25
V
Positive Supply Current,
IDD
VDD = 5.25V, SEL = 0V or VDD, OE/ALM = VDD 25
-
45
58
µA
Full
-
-
66
µA
Positive Supply Current,
IDD
VDD = 3.6V, SEL = 0V or VDD, OE/ALM = VDD
25
-
23
30
µA
Full
-
-
35
µA
Positive Supply Current,
IDD
VDD = 3.6V, SEL = 0V or VDD, OE/ALM = 0V
25
-
23
30
µA
Full
-
-
35
µA
Positive Supply Current,
IDD
VDD = 4.3V, SEL = 2.6V, OE/ALM = 0V or 2.6V 25
-
35
45
µA
Full
-
-
52
µA
Positive Supply Current,
IDD
VDD = 3.6V, SEL = 1.4V, OE/ALM = 0V or 1.4V 25
-
25
32
µA
Full
-
-
38
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low,
VSELL, VOE/ALML
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Input Voltage High,
VSELH, VOE/ALMH
VDD = 2.7V to 3.6V
Full
1.4
-
5.25
V
Input Voltage Low,
VSELL, VOE/ALML
VDD = 3.7V to 4.2V
Full
-
-
0.7
V
Input Voltage High,
VSELH, VOE/ALMH
VDD = 3.7V to 4.2
Full
1.7
--
V
Input Voltage Low,
VSELL, VOE/ALML
VDD = 4.3V to 5.25V
Full
-
-
0.8
V
Input Voltage High,
VSELH, VOE/ALMH
VDD = 4.3V to 5.25V
Full
2.0
--
V
Input Current, ISELL,
IOE/ALML
VDD = 5.25V, SEL = 0V, OE/ALM = 0V
Full
-
2
-
nA
Input Current, ISELH
VDD = 5.25V, SEL = 5.25V, 4MΩ pull-down
resistor
Full
-
1.4
-
µA
Input Current, IOE/ALMH VDD = 5.25V, OE/ALM = 5.25V, 4MΩ pull-down
resistor
Full
-
1.4
-
µA
NOTES:
10. VLOGIC = Input voltage to perform proper function.
11. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this
data sheet.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested
13. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range
14. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with
lowest max rON value, between HSD2+ and HSD2- or between HSD1+ and HSD1-.
15. Limits established by characterization and are not production tested.
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOE/ALMH =1.4V, VOE/ALML = 0.5V, (Note 10), Unless Otherwise
Specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ISL54224


Número de pieza similar - ISL54224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54224IRTZ RENESAS-ISL54224IRTZ Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54224IRTZ-T RENESAS-ISL54224IRTZ-T Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54224IRUEVAL1Z RENESAS-ISL54224IRUEVAL1Z Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results

Descripción similar - ISL54224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com