Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59450IQZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL59450IQZ
Descripción Electrónicos  Multiformat Video Crosspoint with Integrated Sync Separator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59450IQZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59450IQZ Datasheet HTML 1Page - Intersil Corporation ISL59450IQZ Datasheet HTML 2Page - Intersil Corporation ISL59450IQZ Datasheet HTML 3Page - Intersil Corporation ISL59450IQZ Datasheet HTML 4Page - Intersil Corporation ISL59450IQZ Datasheet HTML 5Page - Intersil Corporation ISL59450IQZ Datasheet HTML 6Page - Intersil Corporation ISL59450IQZ Datasheet HTML 7Page - Intersil Corporation ISL59450IQZ Datasheet HTML 8Page - Intersil Corporation ISL59450IQZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
FN7510.0
February 14, 2008
YPbPr-Bypass
Passband Flatness, Filter Bypassed
f = 220MHz, GAIN 1
±1
dB
f = 220MHz, GAIN 2
±1
dB
Cutoff Bandwidth, Filter Bypassed
GAIN 1
275
MHz
GAIN 2
275
MHz
Positive Slew Rate, Filter Bypassed
VOUT = 2VP-P, GAIN 1
350
450
V/µs
VOUT = 2VP-P, GAIN 2
450
590
V/µs
Negative Slew Rate, Filter Bypassed
VOUT = 2VP-P, GAIN 1
350
440
V/µs
VOUT = 2VP-P, GAIN 2
720
950
V/µs
S-Video VIDEO INPUTS
SV-10MHz
Passband Flatness, 10MHz Filter
f =7MHz, GAIN 1
-2.3
-1.5
-0.8
dB
f =7MHz, GAIN 2
-2.3
-1.5
-0.8
dB
Cutoff Rejection, 10MHz Filter
f = 11MHz, GAIN 1
-5.5
-3.4
-2
dB
f = 11MHz, GAIN 2
-5.5
-3.4
-2
dB
Stopband Rejection, 10MHz
f = 27MHz, GAIN 1
-32
-21
-11
dB
f = 27MHz, GAIN 2
-32
-21
-11
dB
SV-Bypass
Passband Flatness, Filter Bypassed
f = 27MHz, GAIN 2
-2.3
-1
-0.8
dB
Cutoff Rejection, Filter Bypassed
f = 54MHz, GAIN 2
-12
-3.6
-2.5
dB
CVBS (Composite) VIDEO INPUTS
CVBS-7MHz
Passband Flatness, 7MHz Filter
f = 5MHz, GAIN 1
-2.7
-1.7
-1
dB
f = 5MHz, GAIN 2
-2.7
-1.7
-1
dB
Cutoff Rejection, 7MHz Filter
f = 7MHz, GAIN 1
-5
-3.2
-1.8
dB
f = 7MHz, GAIN 2
-5
-3.2
-1.8
dB
Stopband Rejection, 7MHz Filter
f = 27MHz, GAIN 1
-50
-39
-26
dB
f = 27MHz, GAIN 2
-50
-39
-26
dB
CVBS-Bypass
Passband Flatness, Filter Bypassed
f = 27MHz, GAIN 2
-1.9
-1.1
-0.7
dB
Cutoff Rejection, Filter Bypassed
f = 54MHz, GAIN 2
-7.2
-3.8
-2.7
dB
dG
Differential Gain
f = 3.58MHz, GAIN 1
0.5
%
f = 3.58MHz, GAIN 2
0.3
%
dP
Differential Phase
f = 3.58MHz, GAIN 1
0.45
°
f = 3.58MHz, GAIN 2
0.65
°
ALL VIDEO INPUTS
INTER-XTALK Inter-Channel Crosstalk
Any input of Channel A to any output
Channel B and vice-versa, GAIN 1 and 2,
f = 10MHz
85
dB
AC Electrical Specifications
VA = 5.0V, VD = 3.3V, VIN = 0.7VP-P, TA = +25°C, RL = 150Ω, VTIPINx = 0.5V, VSLICEINx = 0.6V,
VLUMAx1INx = VLUMAx2INx = 0.8; VCHROMAx1INx = VCHROMAx2INx = 1.15V, all frequency response
measurements relative to f = 100kHz, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL59450


Número de pieza similar - ISL59450IQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59450IQZ RENESAS-ISL59450IQZ Datasheet
2Mb / 37P
   Multiformat Video Crosspoint with Integrated Sync Separator
More results

Descripción similar - ISL59450IQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59450 RENESAS-ISL59450 Datasheet
2Mb / 37P
   Multiformat Video Crosspoint with Integrated Sync Separator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
   Multi-Format Video Sync Separator
logo
Texas Instruments
LMH1981 TI1-LMH1981 Datasheet
1Mb / 24P
[Old version datasheet]   Multi-Format Video Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
logo
NTE Electronics
NTE1629 NTE-NTE1629 Datasheet
18Kb / 2P
   Integrated Circuit TV Sync Separator Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com