Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54200IRZ-T Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL54200IRZ-T
Descripción Electrónicos  USB 2.0 High/Full Speed Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54200IRZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54200IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 13Page - Intersil Corporation ISL54200IRZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL54200
10
FN6408.2
June 17, 2010
requirements for USB 2.0 full-speed signaling. See
Figure 11.
The maximum signal range for the HSx switches is from
-1.5V to VDD. The signal voltage should not be allowed to
exceed the VDD voltage rail or go below ground by more
than -1.5V.
The HSx switches are active (turned ON) whenever the
IN voltage is 1.4V and the EN logic voltage 1.4V when
operated with a 2.7V to 3.6V supply.
ISL54200 Operation
The discussion that follows will discuss using the
ISL54200 in the typical application shown in the
“Application Block Diagram” on page 9.
POWER
The power supply connected at the VDD (pin 1) provides
the DC bias voltage required by the ISL54200 part for
proper operation. The ISL54200 can be operated with a
VDD voltage in the range of 2.7V to 5.5V. When used in a
USB application, the VDD voltage should be kept in the
range of 3.0V to 5.5V to ensure you get the proper signal
levels for good signal quality.
A 0.01µF or 0.1µF decoupling capacitor should be
connected from the VDD pin to ground to filter out any
power supply noise from entering the part. The capacitor
should be located as close to the VDD pin as possible.
LOGIC CONTROL
The state of the ISL54200 device is determined by the
voltage at the IN pin (pin 2) and the EN pin (pin 10). IN
is only active when the EN pin is logic “1” (High). Refer to
the “Truth Table” on page 3.
The EN pin is internally pulled low through a 4MΩ resistor
to ground. For logic “0” (Low) it can be driven low or
allowed to Float. The IN pin must be driven low or high
and cannot be left floating.
Logic Control Voltage Levels:
EN = Logic “0” (Low) when VEN 0.5V or Floating.
EN = Logic “1” (High) when VEN 1.4V
IN = Logic “0” (Low) when VIN 0.5V.
IN = Logic “1” (High) when VIN 1.4V
Full-speed Mode
If the IN pin = Logic “0” and the EN pin = Logic “1”, the
part will be in the full-speed mode. In this mode, the
FSD1 and FSD2 switches are ON and the HSD1 and
HSD2 switches are OFF (high impedance). In a typical
application, VDD will be in the range of 2.8V to 3.6V and
will be connected to the battery or LDO of the portable
media device. When a computer or USB hub is plugged
into the common USB connector and the part is in the
full-speed mode, a link will be established between the
full-speed driver section of the media player and the
computer. The device will be able to transmit and receive
data from the computer at a data rate of 12Mbps.
High-speed Mode
If the IN pin = Logic “1” and the EN pin = Logic “1”, the
part will go into high-speed mode. In high-speed mode,
the HSD1 and HSD2 switches are ON and the FSD1 and
FSD2 switches are OFF (high impedance). When a USB
cable from a computer or USB hub is connected at the
common USB connector and the part is in the high-speed
mode, a link will be established between the high-speed
driver section of the media player and the computer. The
device will be able to transmit and receive data from the
computer at a data rate of 480Mbps.
All Switches OFF Mode
If the IN pin = Logic “0” or Logic “1” and the EN pin =
Logic “0”, all of the switches will turn OFF (high
impedance).
The all OFF state can be used to switch between the two
USB sections of the media player. When disconnecting
from one USB device to the other USB device, you can
momentarily put the ISL54200 switch in the “all off”
state in order to get the computer to disconnect from the
one device so it can properly connect to the other USB
device when that channel is turned ON.
ISL54200


Número de pieza similar - ISL54200IRZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54200IRZ-T INTERSIL-ISL54200IRZ-T Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200IRZ-T RENESAS-ISL54200IRZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
More results

Descripción similar - ISL54200IRZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL76120 INTERSIL-ISL76120 Datasheet
1Mb / 13P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL76120 RENESAS-ISL76120 Datasheet
1Mb / 15P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com