Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54101CQZ Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL54101CQZ
Descripción Electrónicos  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54101CQZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54101CQZ Datasheet HTML 7Page - Intersil Corporation ISL54101CQZ Datasheet HTML 8Page - Intersil Corporation ISL54101CQZ Datasheet HTML 9Page - Intersil Corporation ISL54101CQZ Datasheet HTML 10Page - Intersil Corporation ISL54101CQZ Datasheet HTML 11Page - Intersil Corporation ISL54101CQZ Datasheet HTML 12Page - Intersil Corporation ISL54101CQZ Datasheet HTML 13Page - Intersil Corporation ISL54101CQZ Datasheet HTML 14Page - Intersil Corporation ISL54101CQZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN6275.5
June 4, 2008
0x04
Termination Control (0x00)
0
Data Termination A
0: Channel A TMDS Data inputs terminated into 50
Ω
(normal operation)
1: Channel A TMDS Data inputs terminated into 100
Ω (for
paralleled inputs)
1
Data Termination B
0: Channel B TMDS Data inputs terminated into 50
Ω
(normal operation)
1: Channel B TMDS Data inputs terminated into 100
Ω (for
paralleled inputs)
2
Data Termination C
0: Channel C TMDS Data inputs terminated into 50
Ω
(normal operation)
1: Channel C TMDS Data inputs terminated into 100
Ω (for
paralleled inputs)
3
Data Termination D
0: Channel D TMDS Data inputs terminated into 50
Ω
(normal operation)
1: Channel D TMDS Data inputs terminated into 100
Ω (for
paralleled inputs)
4
Clk Termination A
0: Channel A TMDS Clock inputs terminated into 50
Ω
(normal operation)
1: Channel A TMDS Clock inputs terminated into 100
Ω (for
paralleled inputs)
5
Clk Termination B
0: Channel B TMDS Clock inputs terminated into 50
Ω
(normal operation)
1: Channel B TMDS Clock inputs terminated into 100
Ω (for
paralleled inputs)
6
Clk Termination C
0: Channel C TMDS Clock inputs terminated into 50
Ω
(normal operation)
1: Channel C TMDS Clock inputs terminated into 100
Ω (for
paralleled inputs)
7
Clk Termination D
0: Channel D TMDS Data inputs terminated into 50
Ω
(normal operation)
1: Channel D TMDS Data inputs terminated into 100
Ω (for
paralleled inputs)
0x05
Output Options (0x00)
0
Tri-state Clock
Outputs
0: Normal Operation
1: Clock outputs tri-stated (allows another chip to drive the
output clock pins)
1
Tri-state Data
Outputs
0: Normal Operation
1: Data outputs tri-stated (allows another chip to drive the
output data pins)
2
Invert Output
Polarity
0: Normal Operation
1: The polarity of the TMDS data outputs is inverted
(+ becomes -, - becomes +). TMDS clock unchanged.
3
Reverse Output
Order
0: Normal Operation
1: CH0 data is output on CH2 and CH2 data is output on
CH0. No change to CH1.
0x06
Data Output Drive (0x00)
3:0
Transmit Current
Transmit Drive Current for data signals, adjustable in
0.125mA steps. Clock current is fixed at 10mA.
0x0: 10mA
0x8: 11mA
0xF: 11.875mA
7:4
Transmit
Pre-emphasis
Drive boost (in 0.125mA steps) added during first half of
each bit period for data signals. Clock signals do not have
pre-emphasis.
0x0: 0mA
0x8: 1mA
0xF: 1.875mA
Register Listing (Continued)
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(S)
FUNCTION NAME
DESCRIPTION
ISL54100, ISL54101, ISL54102


Número de pieza similar - ISL54101CQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54101CQZ INTERSIL-ISL54101CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
logo
Renesas Technology Corp
ISL54101CQZ RENESAS-ISL54101CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

Descripción similar - ISL54101CQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com