Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54405IRTZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL54405IRTZ
Descripción Electrónicos  CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54405IRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54405IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6699.1
June 5, 2008
Insertion Loss, GON
f = 1kHz, RLOAD = 20kΩ
3.3V
25
-
±0.01
-
dB
Gain vs Frequency, Gf
f = 20Hz to 20kHz, RLOAD = 20kΩ, Reference to
GON at 1kHz
3.3V
25
-
±0.007
-
dB
Stereo Channel Imbalance
L1 and R1, L2 and R2
f = 20Hz to 20kHz, RLOAD = 20kΩ
3.3V
25
-
±0.003
-
dB
OFF-Isolation (Muting)
f = 20Hz to 22kHz, L = R = 2VRMS, RLOAD = 20kΩ,
MUTE = AC/DC = 3.3V, DIR_SEL = GND,
SEL = “X”
3.3V,
5V
25
-
120
-
dB
f = 20Hz to 22kHz, L1, R1, L2, R2 = 2VRMS, RLOAD
= 20k
Ω, MUTE = AC/DC = DIR_SEL = 3.3V,
SEL = “X”
25
-
120
-
dB
f = 20Hz to 22kHz, VL or VR = 0.7VRMS,
RLOAD =32Ω
25
-
125
-
dB
Crosstalk (Channel-to-
Channel)
RL = 20kΩ, f = 20Hz to 20kHz, VSIGNAL =2VRMS,
Signal source impedance = 20
Ω, Note: Crosstalk is
inversely proportional to source impedance.
3.3V
25
-
120
-
dB
RL = 32Ω, f = 20Hz to 20kHz, VSIGNAL =0.7VRMS
Signal source impedance = 20
Ω, Note: Crosstalk is
inversely proportional to source impedance.
25
-
120
-
dB
PSRR
f = 1kHz, VSIGNAL= 100mVRMS, Inputs Grounded
3.3V,
5V
25
-
110
-
dB
f = 20kHz, VSIGNAL= 100mVRMS, Inputs
Grounded
25
-
90
-
dB
Bandwidth, -3dB
RLOAD = 50Ω
3.3V
25
-
230
-
MHz
ON to Mute Time,
TTRANS-OM
CAP_SS = 0.1µF
3.3V
25
-
50
-
ns
Mute to ON Time,
TTRANS-MO
CAP_SS = 0.1µF
(Selectable via Soft-Start Capacitor Value)
3.3V
25
-
58
-
ms
Turn-ON Time, tON
VDD = 3.3V, VLx or VRx = 1.5V, VMUTE = 0V,
RL = 20kΩ, (See Figure 1)
3.3V
25
-
45
-
μs
Turn-OFF Time, tOFF
VDD = 3.3V, VLx or VRx = 1.5V, VMUTE = 0V,
RL = 20kΩ, (See Figure 1)
3.3V
25
-
50
-
ns
Break-Before-Make Time
Delay, tD
VDD = 3.6V, VLx or VRx = 1.5V, VMUTE = 0V,
RL = 20kΩ, See Figure 2
3.6V
25
-
45
-
μs
OFF-Isolation
RL = 50Ω, f = 1MHz, VL or VR = 1VRMS,
(See Figure 3)
3.3V
25
-
100
-
dB
Crosstalk (Channel-to-
Channel)
RL = 50Ω, f = 1MHz, VL or VR = 1VRMS,
(See Figure 5)
3.3V
25
-
70
-
dB
Lx, Rx OFF Capacitance,
COFF
f = 1MHz,
VLx or VRx = VL or VR = 0V
(See Figure 6)
3.3V
25
-
10
-
pF
L, R ON Capacitance,
CCOM(ON)
f = 1MHz,
VLx or VRx = VCOM = 0V (See Figure 6)
3.3V
25
-
27
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD 5V_Supply = Float
3.3V
Full
3
-
3.6
V
Power Supply Range,
5V_Supply
VDD = Float
5V
Full
4.5
-
5.5
V
Electrical Specifications - 3.3V Supply Test Conditions: V
DD = +3.0V to +3.6V, GND = 0V, VDIR_SEL = VAC/DC = GND,
V5V_SUPPLY = Float, VSIGNAL = 2VRMS, RLOAD = 20kΩ, f = 1kHz,
VSELH = VMUTEH = 1.4V, VSELL = VMUTEL = 0.5V, CAP_SS = 0.1µF, (Note 8),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
SUPPL
Y
TEM
P
(°C)
MIN
(Notes 9, 10)
TYP
MAX
(Notes 9, 10) UNITS
ISL54405


Número de pieza similar - ISL54405IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54405IRTZ INTERSIL-ISL54405IRTZ Datasheet
1,012Kb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
May 6, 2014
logo
Renesas Technology Corp
ISL54405IRTZ RENESAS-ISL54405IRTZ Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
More results

Descripción similar - ISL54405IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405IVZ INTERSIL-ISL54405IVZ Datasheet
1,012Kb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
May 6, 2014
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com