Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54220IRTZ Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL54220IRTZ
Descripción Electrónicos  High-Speed USB 2.0 480Mbps Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54220IRTZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54220IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54220IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220
The Intersil ISL54220 is a single supply dual 2:1
multiplexer that can operate from a single 2.7V to 5.5V
supply. It contains two SPDT (Single Pole/Double
Throw) switches configured as a DPDT. The part was
designed for switching or routing of USB High-Speed
signals and/or USB Full-speed signals in portable
battery powered products.
The 6Ω switches can swing rail-to-rail and were
specifically designed to pass USB full speed data signals
that range from 0V to 3.3V and USB high speed data
signals that range from 0V to 400mV. They have high
bandwidth and low capacitance to pass USB high-speed
data signals with minimal distortion.
The digital logic inputs are 1.8V logic compatible when
operated with a 2.7V to 3.6V supply. The ISL54220 has
an output enable pin to open all the switches.
The ISL54220 is available in 10 Ld 1.8mmx1.4mm
µTQFN, 10 Ld TDFN and 10 Ld MSOP packages. It
operates over a temperature range of -40 to +85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN1449 “ISL54220IRUEVAL1Z
Evaluation Board User’s Manual”
Features
• High-Speed (480Mbps) and Full-Speed (12Mbps)
Signaling Capability per USB 2.0
• 1.8V Logic Compatible (2.7V to +3.6V supply)
• Enable Pin to Open all Switches
• Power OFF Protection
• D-/D+ Pins Overvoltage Tolerant to 5.5V
• -3dB Frequency . . . . . . . . . . . . . . . . . . 742MHz
• Low ON Capacitance @ 240MHz . . . . . . . . . 4.2pF
• Low ON-Resistance @ VDD = 5.5V . . . . . . . 4.5Ω
• Low ON-Resistance @ VDD = 3.3V . . . . . . . 6.0Ω
• Single Supply Operation (VDD) . . . . . 2.7V to 5.5V
• Available in µTQFN, TDFN, and MSOP Packages
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit and
Overvoltage Requirements Without Additional
External Components
Applications*(see page 15)
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Digital Cameras and Camcorders
• USB Switching
Application Block Diagram
USB 2.0 HS Eye Pattern With
Switches In The Signal Path
ISL54220
USB
TRANSCEIVER
HIGH-SPEED
D-
D+
SEL
GND
HSD1-
HSD1+
HSD2-
HSD2+
VDD
OE
LOGIC
µCONTROLLER
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
OR
FULL-SPEED
HIGH_SPEED
OR
PORTABLE MEDIA DEVICE
TIME SCALE (0.2ns/DIV)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
February 4, 2010
FN6819.1


Número de pieza similar - ISL54220IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54220IRTZ INTERSIL-ISL54220IRTZ Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54220IRTZ RENESAS-ISL54220IRTZ Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220IRTZ-T INTERSIL-ISL54220IRTZ-T Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54220IRTZ-T RENESAS-ISL54220IRTZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Descripción similar - ISL54220IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com