Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54406IRTZ-T Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL54406IRTZ-T
Descripción Electrónicos  Stereo Click and Pop Eliminator with Audio Muting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54406IRTZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54406IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 14Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL54406
11
FN6578.1
July 14, 2010
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified
FIGURE 7. ON-RESISTANCE vs SWITCH VOLTAGE vs
SUPPLY VOLTAGE
FIGURE 8. ON-RESISTANCE vs SWITCH VOLTAGE vs
TEMPERATURE
FIGURE 9. THD+N vs SUPPLY VOLTAGE vs FREQUENCY
FIGURE 10. THD+N vs SIGNAL LEVELS vs FREQUENCY
FIGURE 11. THD+N vs OUTPUT VOLTAGE
FIGURE 12. THD+N vs OUTPUT POWER
2.56
2.57
2.58
2.59
2.60
2.61
-1.0 -0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8 1.0
VOUT (V)
VDD = 2.7
VDD = 3.0
VDD = 3.3
VDD = 3.6
IOUT = 40mA
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 1.2
VOUT (V)
IOUT = 40mA
+85°C
+25°C
-40°C
VDD = 3.0V
FREQUENCY (Hz)
20
200
2k
20k
0.056
0.060
0.062
0.064
0.058
RLOAD = 32Ω
VLOAD = 0.707VRMS
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VDD = 3.6V
0.066
0.068
FREQUENCY (Hz)
20
200
2k
20k
0.02
0.04
0.06
0.08
1.06VRMS
0.354VRMS
RLOAD = 32Ω
VDD = 3V
RMS VOLTAGES AT LOAD
0.10
0.884VRMS
0.707VRMS
OUTPUT VOLTAGE (VRMS)
0.23 0.35 0.47 0.58 0.70 0.82
0.003
0.01
0.02
0.10
0.12
0.93
RLOAD = 32Ω
VDD = 3V
1.05 1.16
0.04
0.06
0.20
0.08
FREQUENCY = 1kHz
OUTPUT POWER (mW)
0.008
12
3
5
6
30
0.02
0.03
0.04
0.08
4
78
9
10 20
0.06
0.10
0.01
RLOAD = 32Ω
FREQUENCY = 1kHz
VDD = 3V


Número de pieza similar - ISL54406IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54406IRTZ-T INTERSIL-ISL54406IRTZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406IRTZ-T RENESAS-ISL54406IRTZ-T Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
More results

Descripción similar - ISL54406IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com