Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3179EFUZ Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL3179EFUZ
Descripción Electrónicos  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL3179EFUZ Datasheet HTML 2Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 3Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 4Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 5Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 9Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN6365.2
April 22, 2008
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6),
(Note 7)
Full
-
11
15
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 6)
Full
-
10
15
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6)
Full
-
10
15
ns
Time to Shutdown
tSHDN
(Note 8)
Full
60
-
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 6),
(Notes 8, 10)
Full
-
-
1000
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6),
(Notes 8, 10)
Full
-
-
1000
ns
NOTES:
3. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
4. Supply current specification is valid for loaded drivers when DE = 0V.
5. Applies to peak current. See “Typical Performance Curves” on page 11 for more information.
6. Because of the shutdown feature, keep RE = 0 to prevent the device from entering SHDN.
7. Because of the shutdown feature, the RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
8. These IC’s are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the parts are guaranteed not
to enter shutdown. If the inputs are in this state for at least 700ns, the parts are guaranteed to have entered shutdown. See “Low Power
Shutdown Mode” on page 10.
9. Keep RE = VCC, and set the DE signal low time >700ns to ensure that the device enters SHDN.
10. Set the RE signal high time >700ns to ensure that the device enters SHDN.
11. This is the part-to-part skew between any two units tested with identical test conditions (Temperature, VCC, etc.).
12. VCC = 3.3V ±5%
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. VOD WITH COMMON MODE LOAD
FIGURE 1. DC DRIVER TEST CIRCUITS
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V; Typicals are at VCC = 3.3V, TA = +25°C. (Note 3) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
D
DE
DI
VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VCC
VOD
375
Ω
375
Ω
Z
Y
RL = 60Ω
VCM
-7V TO +12V
ISL3179E, ISL3180E


Número de pieza similar - ISL3179EFUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3179EFUZ INTERSIL-ISL3179EFUZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFUZ RENESAS-ISL3179EFUZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Descripción similar - ISL3179EFUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com