Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22323TFV14Z Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL22323TFV14Z
Descripción Electrónicos  Dual Digitally Controlled Potentiometer XDCP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22323TFV14Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL22323TFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6422.1
March 13, 2008
ISB
VCC Current (Standby)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C
interface in standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C
interface in standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C
interface in standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C
interface in standby state
0.5
2.0
µA
IV-SB
V- Current (Standby)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C
interface in standby state
-3.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C
interface in standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C
interface in standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C
interface in standby state
-3.0
-0.4
µA
ISD
VCC Current (Shut-down)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C
interface in standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C
interface in standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C
interface in standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C
interface in standby state
0.5
2.0
µA
IV-SB
V- Current (Standby)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C
interface in standby state
-3.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C
interface in standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C
interface in standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C
interface in standby state
-3.0
-0.4
µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SDA, and SCL
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 19)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 19)
DCP Recall Time from Shut-down
Mode
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
1.9
2.1
V
VCCRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
5ms
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ISL22323


Número de pieza similar - ISL22323TFV14Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22323TFV14Z RENESAS-ISL22323TFV14Z Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results

Descripción similar - ISL22323TFV14Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com