Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29007IROZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL29007IROZ-T7
Descripción Electrónicos  Small, Low Power, Current-Output Ambient Light Photo Detect IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29007IROZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29007IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29007IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6282.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL29006, ISL29007, ISL29008
Small, Low Power, Current-Output
Ambient Light Photo Detect IC
The ISL29006, ISL29007, and ISL29008 are light-to-current
silicon optical sensors combining a photodiode array and a
current amplifier on a single monolithic IC. The photodiode’s
spectral sensitivity approximates the human eye response
peaking at 550nm with virtually no infrared (IR) response.
Exposed to light, these light sensors give current outputs
that are linearly proportional to the light intensity. The output
of ISL29006 is configured as a current source, and the
output of ISL29007 is configured as a current sink. Both
ISL29006 and ISL29007 offer an EN pin that can be used for
a polling scheme to extend the battery life of portable
devices.
The ISL29008 has dual outputs simultaneously sinking and
sourcing current. With output currents at opposite polarity, it
can simultaneously control two light sources/drivers that
have incongruent illumination requirement depending on
ambient light conditions. For example, at bright ambient light
levels, display backpanels need more intensity while the
keyboard illumination needs to be dimmer, whereas at
darker ambient light levels, display backpanels need less
intensity while the keyboard illumination needs to be
brighter.
By connecting an external resistor from ISRC to GND or
from ISNK to VDD, the current output can be converted into
voltage output.
Housed in an ultra-compact 2mmx2.1mm ODFN clear
plastic package, this device is excellent for power saving
control function in cell phones, PDAs and other handheld
applications.
Features
• 0.5 lux to 10,000 lux range
• 1.8V to 3.6V supply range
• Low supply current (3.5µA @ 100 lux)
• Fast response time
• Close to human eye response
• IR Rejection
• Internal dark current compensation
• Lux to current source or/and sink
• Excellent output linearity of luminance
• 6 Ld ODFN: 2mmx2.1mmx0.7mm
• Pb-free (RoHS compliant)
Applications
• Display and keypad dimming for:
- Mobile devices: smart phone, PDA, GPS
- Computing devices: notebook PC, webpod
- Consumer devices: LCD-TV, digital picture frame, digital
camera
• Industrial and medical light sensing
Ordering Information
PART NUMBER
(Note)
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL29006IROZ-T7*
-40 to +85
6 Ld ODFN
L6.2x2.1
ISL29007IROZ-T7*
-40 to +85
6 Ld ODFN
L6.2x2.1
ISL29008IROZ-T7*
-40 to +85
6 Ld ODFN
L6.2x2.1
ISL29006IROZ-EVALZ
Evaluation Board
ISL29007IROZ-EVALZ
Evaluation Board
ISL29008IROZ-EVALZ
Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate - e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Data Sheet
September 21, 2010


Número de pieza similar - ISL29007IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29007IROZ-T7 INTERSIL-ISL29007IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
logo
Renesas Technology Corp
ISL29007IROZ-T7 RENESAS-ISL29007IROZ-T7 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results

Descripción similar - ISL29007IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com