Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55036IRTZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL55036IRTZ
Descripción Electrónicos  400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55036IRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55036IRTZ Datasheet HTML 1Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 2Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 3Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 4Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 5Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 6Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 7Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 8Page - Intersil Corporation ISL55036IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6640.1
September 11, 2008
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage from V+ to GND . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
EN Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . V+ + 0.3V to GND - 0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
ESD Rating:
Human Body Model
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3,000V
Machine Model
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Operating Conditions
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
24 Ld TQFN Package . . . . . . . . . . . . . . . . . . . . . . .
42
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
V+ = 5V, TA = +25°C, RL = 1k to V+/2, AV = 4, VIN = 0.1VDC, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 3)
TYP
MAX
(Note 3)
UNIT
INPUT CHARACTERISTICS
TCVOS
Offset Voltage Temperature Coefficient
Measured from -40°C to +85°C
-3
µV/°C
IB
Input Bias Current
VIN = 0V
-10
-5.5
-2.5
µA
RIN
Input Resistance
7M
Ω
CIN
Input Capacitance
0.5
pF
OUTPUT CHARACTERISTICS
VOS
Output Offset Voltage
Note 2
-14
-2
10
mV
ACL
Closed Loop Gain
RL = 1k, 150Ω, VOUT = 0.5V to 4V
3.9
4
4.1
V/V
ROUT
Output Resistance
AV = +4
30
m
Ω
VOP
Positive Output Voltage Swing
RL = 1kΩ to 2.5V
4.86
V
RL = 150Ω to 2.5V
4.65
V
VON
Negative Output Voltage Swing
RL = 1kΩ to 2.5V
27
mV
RL = 150Ω to 2.5V
140
mV
ISC (source)
Output Short Circuit Current
RL = 10Ω to GND, VIN = 1.5V
60
95
mA
ISC (sink)
Output Short Circuit Current
RL = 10Ω to + 2.5V, VIN = 0V
70
105
mA
POWER SUPPLY
PSRR
Power Supply Rejection Ratio @ 1kHz
V+ = 5V; VSOURCE = 1VP-P;
f = 1kHz sine wave
78
dB
IS-ON
Supply Current - Enabled per Amplifier
RL = Open
6.0
7.2
8.5
mA
IS-OFF
Supply Current - All Amplifiers Disabled RL = Open
0.5
1.1
2
mA
ENABLE
tEN
Enable Time
RL = 150Ω, VIN = 0.25V
250
ns
tDS
Disable Time
RL = 150Ω, VIN = 0.25V
25
ns
VIH-ENB
ENABLE Pin Voltage for Power-Up
0.8
V
VIL-ENB
ENABLE Pin Voltage for Shut-Down
2
V
ISL55036


Número de pieza similar - ISL55036IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL55036IRTZ RENESAS-ISL55036IRTZ Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
ISL55036IRTZ-T13 RENESAS-ISL55036IRTZ-T13 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results

Descripción similar - ISL55036IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55036 RENESAS-ISL55036 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
Texas Instruments
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com