Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL29009IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation |
|
ISL29009IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation |
6 / 7 page 6 All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com FN6484.0 July 1, 2008 Application Information Light-to-Current and Voltage Conversion The ISL29009 has responsiveness that is a square-root function of the light intensity intercepted by the photodiode in lux. Because the photodiode has a responsivity that resembles the human eye, conversion rate is independent of the light source (fluorescent light, incandescent light or direct sunlight). Here, IOUT is the output current in µA, and E is the input light in lux. A load resistor RL is added to convert IOUT into VOUT. The output voltage can be expressed in Equation 2: Here, VOUT is the output voltage and RL is the value of the load resistor added. The compliance of the ISL29009's output circuit may result in premature saturation of the output current and voltage when an excessively large RL is used. The output compliance voltage is 200mV below the supply voltage as listed in VO-MAX of the “Electrical Specifications” table on page 2. Optical Sensor Location Outline The green area in Figure 18 shows the optical sensor location outline of ISL29009. Along the pin-out direction, the center line (CL) of the sensor coincides with that of the packaging. The sensor width in this direction is 0.39mm. Perpendicular to the pin-out direction, the CL of the sensor has an 0.19mm offset from the CL of packaging away from pin-1. The sensor width in this direction is 0.46mm. I OUT 1.8 μA 100lux ----------------------- E = (EQ. 1) V OUT I OUT R L × 1.8 μA 100lux ----------------------- ER L × == (EQ. 2) FIGURE 18. 6 LD ODFN SENSOR LOCATION OUTLINE 2.10mm 2.00mm 0.39mm 0.46mm 0.19mm 29009 ISL29009 |
Número de pieza similar - ISL29009IROZ-T7 |
|
Descripción similar - ISL29009IROZ-T7 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |