Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6112INZA-T Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL6112INZA-T
Descripción Electrónicos  Dual Slot PCI-Express Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6112INZA-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6112INZA-T Datasheet HTML 4Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 5Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 6Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 7Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 8Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 9Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 10Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 11Page - Intersil Corporation ISL6112INZA-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
FN6456.0
September 28, 2007
SMBUS TIMING
SCL (clock) period
t1
(Note 5)
2.5
µs
Data In setup time to SCL HIGH
t2
(Note 5)
100
ns
Data Out stable after SCL LOW
t3
(Note 5)
300
ns
Data LOW setup time to SCL LOW
t4
(Note 5)
100
ns
Data HIGH hold time after SCL HIGH
t5
(Note 5)
100
ns
NOTE:
5. Limits established by design and are not production tested.
Electrical Specifications
12VIN = 12V, 3VIN = 3.3V, VSTBY = 3.3V, TA = TJ = -40°C to +85°C, Unless Otherwise Noted. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
ISL6112


Número de pieza similar - ISL6112INZA-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6112IRZA RENESAS-ISL6112IRZA Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
More results

Descripción similar - ISL6112INZA-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
LTC4242 LINER-LTC4242 Datasheet
350Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com