Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1221IUZ Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL1221IUZ
Descripción Electrónicos  Low Power RTC with Battery Backed
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1221IUZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL1221IUZ Datasheet HTML 5Page - Intersil Corporation ISL1221IUZ Datasheet HTML 6Page - Intersil Corporation ISL1221IUZ Datasheet HTML 7Page - Intersil Corporation ISL1221IUZ Datasheet HTML 8Page - Intersil Corporation ISL1221IUZ Datasheet HTML 9Page - Intersil Corporation ISL1221IUZ Datasheet HTML 10Page - Intersil Corporation ISL1221IUZ Datasheet HTML 11Page - Intersil Corporation ISL1221IUZ Datasheet HTML 12Page - Intersil Corporation ISL1221IUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
FN6316.0
June 22, 2006
These power control situations are illustrated in Figures 11
and 12.
The I2C bus is deactivated in battery backup mode to provide
lower power. Aside from this, all RTC functions are
operational during battery backup mode. Except for SCL and
SDA, all the inputs and outputs of the ISL1221 are active
during battery backup mode unless disabled via the control
register. The User SRAM is operational in battery backup
mode down to 1.8V.
Power Failure Detection
The ISL1221 provides a Real Time Clock Failure Bit (RTCF)
to detect total power failure. It allows users to determine if
the device has powered up after having lost all power to the
device (both VDD and VBAT).
Low Power Mode
The normal power switching of the ISL1221 is designed to
switch into battery backup mode only if the VDD power is
lost. This will ensure that the device can accept a wide range
of backup voltages from many types of sources while reliably
switching into backup mode. Another mode, called Low
Power Mode, is available to allow direct switching from VDD
to VBAT without requiring VDD to drop below VTRIP. Since
the additional monitoring of VDD vs. VTRIP is no longer
needed, that circuitry is shut down and less power is used
while operating from VDD. Power savings are typically
600nA at VDD = 5V. Low Power Mode is activated via the
LPMODE bit in the control and status registers.
Low Power Mode is useful in systems where VDD is normally
higher than VBAT at all times. The device will switch from
VDD to VBAT when VDD drops below VBAT, with about 50mV
of hysteresis to prevent any switchback of VDD after
switchover. In a system with a VDD = 5V and backup lithium
battery of VBAT = 3V, Low Power Mode can be used.
However, it is not recommended to use Low Power Mode in
a system with VDD = 3.3V ±10%, VBAT ≥ 3.0V, and when
there is a finite I-R voltage drop in the VDD line.
InterSeal™ Battery Saver
The ISL1221 has the InterSeal™ Battery Saver which
prevents initial battery current drain before it is first used. For
example, battery-backed RTCs are commonly packaged on
a board with a battery connected. In order to preserve
battery life, the ISL1221 will not draw any power from the
battery source until after the device is first powered up from
the VDD source. Thereafter, the device will switchover to
battery backup mode whenever VDD power is lost.
Event/Tamper Monitor and Detection
The ISL1221 provides an event detection, time stamp and
alarm function to be used in a wide variety of applications
ranging from security, warranty monitoring, data collection
and recording.
The tamper detect input pin, EVIN, can be used as a event
or tamper detection input of an external switch (mechanical
or electronic). When the EVIN pin is a valid HIGH, the
ISL1221 sets the EVT bit in the status register and, can
optionally: 1) Issue an Event output signal (EVDET pin) and
store time stamp information in on board SRAM (second,
minute, hour, date, month and year), 2) At the time event
occurred, stop the RTC registers from advancing.
To allow for flexibility of external switches used at the EVIN
pin, the internal pull-up (~1µA in full on mode) can be
disabled/enabled. This will allow more flexibility depending
on the capacitive and resistive loading at the EVIN pin.
A noise filter option is also provided for the event monitor
circuit. The EVIN pin has a time based filter where the EVIN
signal must be stable for a period of time to trigger a valid
detection. The time hysteresis filter can vary from 0, 3.9ms,
15.2ms or 31.25ms.
For low power applications the event monitor can be
sampled at a user selectable rate. The EVIN pin can be
always ON or periodically sampled with a frequency of 1/4, 1
or 2Hz.
VBAT - VBATHYS
VBAT
VBAT + VBATHYS
BATTERY BACKUP
MODE
VDD
VTRIP
2.2V
1.8V
FIGURE 11. BATTERY SWITCHOVER WHEN VBAT < VTRIP
FIGURE 12. BATTERY SWITCHOVER WHEN VBAT > VTRIP
VTRIP
VBAT
VTRIP + VTRIPHYS
BATTERY BACKUP
MODE
VDD
VTRIP
3.0V
2.2V
ISL1221


Número de pieza similar - ISL1221IUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL1221IUZ RENESAS-ISL1221IUZ Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221IUZ-T RENESAS-ISL1221IUZ-T Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Descripción similar - ISL1221IUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com