Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22426UFR16Z Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL22426UFR16Z
Descripción Electrónicos  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426UFR16Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL22426UFR16Z Datasheet HTML 1Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22426UFR16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6180.2
September 8, 2009
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at any DCP Pin with Respect to GND. . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 4) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .350V
Thermal Resistance (Typical)
θJA (°C/W) θJC(°C/W)
14 Lead TSSOP (Note 1) . . . . . . . . . . .
100
N/A
16 Lead QFN (Notes 2, 3) . . . . . . . . . .
40
3.0
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Extended Industrial). . . . . . . . -40°C to +125°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
4. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using
a max negative pulse of -0.8V for all pins.
Analog Specifications
Over recommended operating conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
Ω
U option
50
k
Ω
RH to RL Resistance Tolerance
W and U option
-20
+20
%
End-to-End Temperature Coefficient
W option
±50
ppm/°C
(Note 21)
U option
±80
ppm/°C
(Note 21)
VRH, VRL
VRH and VRL Terminal Voltages
VRH and VRL to GND
0
VCC
V
RW
Wiper Resistance
VCC = 3.3V, wiper current = VCC/RTOTAL
70
200
Ω
CH/CL/CW
(Note 21)
Potentiometer Capacitance
10/10/25
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (0V @ RLi; VCC @ RHi; measured at RWi, unloaded; i = 0 or 1)
INL
(Note 10)
Integral Non-linearity
Monotonic over all tap positions, W and U
options
-1
1
LSB
(Note 6)
DNL
(Note 9)
Differential Non-linearity
Monotonic over all tap positions, W and U
options
-0.5
0.5
LSB
(Note 6)
ZSerror
(Note 7)
Zero-scale Error
W option
0
1
5
LSB
(Note 6)
U option
0
0.5
2
LSB
(Note 6)
FSerror
(Note 8)
Full-scale Error
W option
-5
-1
0
LSB
(Note 6)
U option
-2
-1
0
LSB
(Note 6)
ISL22426


Número de pieza similar - ISL22426UFR16Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL22426UFR16Z RENESAS-ISL22426UFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

Descripción similar - ISL22426UFR16Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com