Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6113IRZA Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL6113IRZA
Descripción Electrónicos  Dual Slot PCI-E Hot Plug Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6113IRZA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6113IRZA Datasheet HTML 7Page - Intersil Corporation ISL6113IRZA Datasheet HTML 8Page - Intersil Corporation ISL6113IRZA Datasheet HTML 9Page - Intersil Corporation ISL6113IRZA Datasheet HTML 10Page - Intersil Corporation ISL6113IRZA Datasheet HTML 11Page - Intersil Corporation ISL6113IRZA Datasheet HTML 12Page - Intersil Corporation ISL6113IRZA Datasheet HTML 13Page - Intersil Corporation ISL6113IRZA Datasheet HTML 14Page - Intersil Corporation ISL6113IRZA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN6457.0
September 25, 2007
the ISL6113, ISL6114 respectively, CLOAD is the load
capacitance, and CGATE is the total GATE capacitance
including CISS of the external MOSFET and any external
capacitance connected from the GATE output pin to the
GATE reference, GND or source.
An estimate for the output slew rate of 3.3V outputs and 12V
outputs where there is little or no external 12VGATE output
capacitors, can be taken from Equation 2:
where ILIM = 50mV/RSENSE and CLOAD is the load
capacitance. Note: As a consequence, the CR duration,
tFILTER must be programmed to exceed the time it takes to
fully charge the output load to the input rail voltage level.
MAIN Outputs (Start-up Delay and Slew-Rate
Control)
The 3.3V outputs act as source followers. In this mode of
operation, VSOURCE = [VGATE – VTH(ON)] until the
associated output reaches 3.3V. The voltage on the gate of
the MOSFET will then continue to rise until it reaches 12V,
which ensures minimum rDS(ON). For the 12V outputs, when
the MOSFET is optionally configured as a Miller integrator to
adjust the VOUT ramp time by having a CGD, which is
connected between the MOSFET’s gate and drain. In this
configuration, the feedback action from drain to gate of the
MOSFET causes the voltage at the drain of the MOSFET to
slew in a linear fashion at a rate estimated by Equation 3:
Tables 1 and 2 approximate the output slew-rate for various
values of CGATE when start-up is dominated by GATE
capacitance (external CGATE from GATE pin to ground plus
CGS of the external MOSFET for the 3.3V rail; CGD for the
12V rail).
During turn-on, the ISL6113 invokes the current regulation
(CR) feature to limit inrush current whereas the ISL6114
disables the CR feature during turn-on thus allowing a
shorter programmed tFILTER. Both ICs monitor for a severe
or Way Overcurrent (WOC) condition such as a short at this
time.
Note that all of these performance estimates and guidelines
are useful only for first order time and loading expectations,
as they do not look at other significant loading factors.
Figures 3 through 11 realistically illustrate the discussed
turn-on performance topic with the noted loading and
compensation conditions. Notice the degree of control over
the in-rush current and the GATE ramp rate as the CGD and
CGS values are changed providing for highly customized
turn on characteristics.
In some scope shots although the CFILTER shows a ramping
in the absence of excessive displayed loading current the
CFILTER is responding to the other MAIN supply current that
is not displayed.
All scope shots were taken from the ISL6113EVAL1Z or
ISL6114EVAL1Z platform with any component changes are
noted.
TABLE 1. ISL6113 3.3V AND 12V OUTPUT SLEW-RATE
SELECTION FOR GATE CAPACITANCE
DOMINATED START-UP
| IGATE | = 25µA
CGATE or CGD
dv/dt (LOAD)
0.01µF*
2.5V/ms
0.022µF*
1.136V/ms
0.047µF
0.532 V/ms
0.1µF
0.250V/ms
*Values in this range will be affected by the internal parasitic
capacitances of the MOSFETs used and should be verified
empirically.
VOUTdv/dt
I
LIM
C
LOAD
--------------------
=
(EQ. 2)
VOUTdv/dt
25
μA
C
GD
---------------
=
(EQ. 3)
ISL6113
VOUTdv/dt
5
μA
C
GD
------------
=
ISL6114
TABLE 2. ISL6114 3.3V AND 12V OUTPUT SLEW-RATE
SELECTION FOR GATE CAPACITANCE
DOMINATED START-UP
| IGATE | = 5µA
CGATE or CGD
dv/dt (LOAD)
0.01µF*
0.5V/ms
0.022µF*
0.23V/ms
0.047µF
0.106 V/ms
0.1µF
0.050V/ms
*Values in this range will be affected by the internal parasitic
capacitances of the MOSFETs used and should be verified
empirically.
FIGURE 3. ISL6113 12VMAIN START-UP RLOAD = 10Ω,
CLOAD = 470µF
12 IOUT
12VOUT
12VGATE
CFILTER
CGD = 6.8nF
CGS = 22nF
ISL6113, ISL6114


Número de pieza similar - ISL6113IRZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6113IRZA RENESAS-ISL6113IRZA Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
ISL6113IRZA-T RENESAS-ISL6113IRZA-T Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
More results

Descripción similar - ISL6113IRZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5959 MAXIM-MAX5959 Datasheet
97Kb / 1P
   Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5957 MAXIM-MAX5957 Datasheet
634Kb / 25P
   Triple PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com