Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6114IRZA-T Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL6114IRZA-T
Descripción Electrónicos  Dual Slot PCI-E Hot Plug Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6114IRZA-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6114IRZA-T Datasheet HTML 4Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 5Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 6Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 7Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 8Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 9Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 10Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 11Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN6457.0
September 25, 2007
I/O TIMING PARAMETERS
12V Current Limit Response Time
tOFF(12V)
CGATE = 25pF
VIN – VSENSE = 140mV
1
2.1
µs
3.3V Current Limit Response Time
tOFF(3V)
CGATE = 25pF
VIN – VSENSE = 140mV
0.3
1
µs
VAUX Current Limit Response Time
tSC(TRAN)
VAUX = 0V, VSTBY = +3.3V
2.5
µs
Delay from MAIN Overcurrent to FAULT
output
tPROP (12V FAULT
or 3V FAULT)
CFILTER = 0
VIN – VSENSE = 140mV
1
µs
Delay from VAUX Overcurrent to FAULT
Output
tPROP(VAUXFAULT) ILIM(AUX) to FAULT output
CFILTER = 0 VAUX output
grounded
1
µs
ON, AUXEN, PRSNT Min Pulse Width
tmin
100
ns
Power-On Reset Time after VSTBY
Becomes Valid
tPOR
250
µs
Auto-Retry Period
tRETRY
R/L tied to GND, Any OC Event
0.75
1.4
3
s
Presence Detect Delay to Auto Enable
tPRSNT_ON
PRSNT = high to low
4
6.5
9
ms
Presence Detect Delay to Disable
tPRSNT_OFF
PRSNT = low to high
2.5
µs
GPI to GPO Propagation Delay
tGPI-GPO
GPI high/low to GPO high/low
4
6
8
ms
Delay of Main Power Good to Reporting tPVPERL
PWRGD low to PERST high.
105
145
185
ms
Power Supply Disabled to PERST Low
tPERST
ON Low to PERST Low
100
ns
NOTE:
4. Limits should be considered typical and are not production tested.
Electrical Specifications
12VIN = 12V, 3VIN and VSTBY = +3.3V, TA = TJ = -40°C to +85°C, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISL6113, ISL6114


Número de pieza similar - ISL6114IRZA-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6114IRZA-T RENESAS-ISL6114IRZA-T Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
More results

Descripción similar - ISL6114IRZA-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5959 MAXIM-MAX5959 Datasheet
97Kb / 1P
   Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5957 MAXIM-MAX5957 Datasheet
634Kb / 25P
   Triple PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com