Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL55001IBZ Datasheet(PDF) 1 Page - Intersil Corporation |
|
ISL55001IBZ Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 12 page 1 ® FN6200.1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners. ISL55001 High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier The ISL55001 is high speed, low power, low cost monolithic operational amplifier. The ISL55001 is unity-gain stable and feature a 300V/µs slew rate and 220MHz bandwidth while requiring only 9mA of supply current. The power supply operating range of the ISL55001 is from ±15V down to ±2.5V. For single-supply operation, the ISL55001 operates from 30V down to 5V. The ISL55001 also features an extremely wide output voltage swing of -12.75V/+13.4V with VS = ±15V and RL =1kΩ. At a gain of +1, the ISL55001 has a -3dB bandwidth of 220MHz with a phase margin of 50°. Because of its conventional voltage-feedback topology, the ISL55001 allows the use of reactive or non-linear elements in its feedback network. This versatility combined with low cost and 140mA of output-current drive makes the ISL55001 an ideal choice for price-sensitive applications requiring low power and high speed. The ISL55001 is available in an 8 Ld SO package and specified for operation over the full -40°C to +85°C temperature range. Features • 220MHz -3dB bandwidth • Unity-gain stable • Low supply current: 9mA @ VS = ±15V • Wide supply range: ±2.5V to ±15V dual-supply and 5V to 30V single-supply • High slew rate: 300V/µs • Fast settling: 75ns to 0.1% for a 10V step • Wide output voltage swing: -12.75V/+13.6V with VS = ±15V, RL =1kΩ • Low cost, enhanced replacement for the EL2044 • Pb-free plus anneal available (RoHS compliant) Applications • Video amplifiers • Single-supply amplifiers • Active filters/integrators • High speed sample-and-hold • High speed signal processing • ADC/DAC buffers • Pulse/RF amplifiers • Pin diode receivers • Log amplifiers • Photo multiplier amplifiers • Difference Amplifier Pinout ISL55001 (8 LD SO) TOP VIEW Ordering Information PART NUMBER PART MARKING TAPE& REEL PACKAGE PKG. DWG. # ISL55001IBZ (See Note) 55001IBZ - 8 Ld SO (Pb-Free) MDP0027 ISL55001IBZ-T7 (See Note) 55001IBZ 7” 8 Ld SO (Pb-Free) MDP0027 NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 1 2 3 4 8 7 6 5 - + NC IN- IN+ VS- NC VS+ OUT NC Data Sheet March 9, 2006 |
Número de pieza similar - ISL55001IBZ |
|
Descripción similar - ISL55001IBZ |