Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6140IBZ Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL6140IBZ
Descripción Electrónicos  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6140IBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6140IBZ Datasheet HTML 2Page - Intersil Corporation ISL6140IBZ Datasheet HTML 3Page - Intersil Corporation ISL6140IBZ Datasheet HTML 4Page - Intersil Corporation ISL6140IBZ Datasheet HTML 5Page - Intersil Corporation ISL6140IBZ Datasheet HTML 6Page - Intersil Corporation ISL6140IBZ Datasheet HTML 7Page - Intersil Corporation ISL6140IBZ Datasheet HTML 8Page - Intersil Corporation ISL6140IBZ Datasheet HTML 9Page - Intersil Corporation ISL6140IBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN9039.4
Test Circuit and Timing Diagrams
FIGURE 1. TYPICAL TEST CIRCUIT
FIGURE 2. SENSE TO GATE TIMING
FIGURE 3A. OV TO GATE TIMING
FIGURE 3B. UV TO GATE TIMING
FIGURE 3. OV AND UV TO GATE TIMING
FIGURE 4A. DRAIN TO PWRGD TIMING (ISL6140)
FIGURE 4B. DRAIN TO PWRGD TIMING (ISL6150)
FIGURE 4. DRAIN TO PWRGD/PWRGD TIMING
OV
VEE
5
7
6
4
3
2
GATE
DRAIN
UV
SENSE
PWRGD
1
VDD
8
5V
VOV
VUV
48V
VDRAIN
VSENSE
ISL6140
ISL6150
R = 5k
+
-
SENSE
GATE
tPHLSENSE
1V
50mV
OV
GATE
tPHLOV
tPLHOV
0V
2V
1V
1.223V
1.203V
1V
0V
13V
UV
GATE
tPHLUV
tPLHUV
2V
0V
1V
1.223V
1.243V
1V
13V
0V
tPLHPG
tPHLPG
DRAIN
PWRGD
1.8V
1.4V
1.0V
1.0V
DRAIN
PWRGD
tPLHPG
tPHLPG
1.8V
1.4V
1.0V
1.0V
ISL6140, ISL6150


Número de pieza similar - ISL6140IBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6140IBZ INTERSIL-ISL6140IBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140IBZ INTERSIL-ISL6140IBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140IBZ RENESAS-ISL6140IBZ Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140IBZ-T INTERSIL-ISL6140IBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140IBZ-T INTERSIL-ISL6140IBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
More results

Descripción similar - ISL6140IBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com