Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA5260MZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza CA5260MZ
Descripción Electrónicos  3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5260MZ Datasheet(HTML) 5 Page - Intersil Corporation

  CA5260MZ Datasheet HTML 1Page - Intersil Corporation CA5260MZ Datasheet HTML 2Page - Intersil Corporation CA5260MZ Datasheet HTML 3Page - Intersil Corporation CA5260MZ Datasheet HTML 4Page - Intersil Corporation CA5260MZ Datasheet HTML 5Page - Intersil Corporation CA5260MZ Datasheet HTML 6Page - Intersil Corporation CA5260MZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Electrical Specifications
Each Amplifier at TA = +25°C, V+ = 15V, V- = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5260
CA5260A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
VS = ±7.5
-
6
15
-
2
5
mV
Input Offset Current
IIO
VS = ±7.5
-
0.5
30
-
0.5
20
pA
Input Current
II
VS = ±7.5
-
5
50
-
5
30
pA
Large Signal Voltage Gain
AOL
VO = 10VP-P,
RL = 10kΩ
40
320
-
40
320
-
kV/V
92
110
-
92
110
-
dB
Common Mode Rejection Ratio
CMRR
70
90
-
80
95
-
dB
Common Mode Input Voltage
Range
VlCR
10
-0.5 to 12
0
10
-0.5 to 12
0
V
Power Supply Rejection Ratio,
ΔVIO/ ΔV±
PSRR
VS = ±7.5
-
32
320
-
32
150
µV/V
Maximum Output Voltage
VOM+
RL = 10kΩ
11
13.3
-
11
13.3
-
V
VOM-
-
0.002
0.01
-
0.002
0.01
V
VOM+
RL =
14.99
15
-
14.99
15
-
V
VOM-
-
0
0.01
-
0
0.01
V
Maximum Output Current
IOM+
(Source)
VO = 7.5V
12
22
45
12
22
45
mA
IOM- (Sink)
12
20
45
12
20
45
mA
Total Supply Current, RL =
I+
VO (Amp A) = 7.5V
VO (Amp B) = 7.5V
-
9
16.5
-
9
16.5
mA
VO (Amp A) = 0V
VO (Amp B) = 0V
-
1.2
4
-
1.2
4
mA
VO (Amp A) = 0V VO
(Amp B) = 7.5V
-
5
9.5
-
5
9.5
mA
Input Offset Voltage
Temperature Drift
ΔVIO/ΔT
-
8
-
-
6
-
µV/oC
Crosstalk
f = 1kHz
-
120
-
-
120
-
dB
5
FN1929.8
August 3, 2010
CA5260, CA5260A
CA5260, CA5260A


Número de pieza similar - CA5260MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA5260MZ INTERSIL-CA5260MZ Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260MZ RENESAS-CA5260MZ Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5260MZ96 INTERSIL-CA5260MZ96 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260MZ96 RENESAS-CA5260MZ96 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results

Descripción similar - CA5260MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com