Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6140IBZ-T Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL6140IBZ-T
Descripción Electrónicos  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6140IBZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6140IBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN9039.4
DRAIN PIN
Power Good Threshold (L to H)
VPGLH
VDRAIN - VEE, Low to High
Transition
1.55
1.70
1.87
V
Power Good Threshold (H to L)
VPGHL
VDRAIN - VEE, High to Low
Transition
1.10
1.25
1.42
V
Power Good Threshold Hysteresis
VPGHY
0.30
0.45
0.60
V
Drain Input Bias Current
IDRAIN
VDRAIN = 48V
10
35
60
µA
ISL6140 (PWRGD PIN: L VERSION)
PWRGD Output Low Voltage
VOL
(VDRAIN - VEE) < VPG
IOUT = 1mA
-
0.28
0.50
V
IOUT = 3mA
-
0.88
1.20
IOUT = 5mA
-
1.45
1.95
V
Output Leakage
IOH
VDRAIN = 48V, VPWRGD = 80V
-
0.05
10
µA
ISL6150 (PWRGD PIN: H VERSION)
PWRGD Output Low Voltage
(PWRGD-DRAIN)
VOL
VDRAIN = 5V, IOUT = 1mA
-
0.80
1.0
V
PWRGD Output Impedance
ROUT
(VDRAIN - VEE) < VPG
3.5
6.2
9.0
AC TIMING
OV High to GATE Low
tPHLOV
(Figures 1, 3A)
0.6
1.6
3.0
µs
OV Low to GATE High
tPLHOV
(Figures 1, 3A)
1.0
7.8
12.0
µs
UV Low to GATE Low
tPHLUV
(Figures 1, 3B)
0.6
1.3
3.0
µs
UV High to GATE High
tPLHUV
(Figures 1, 3B)
1.0
8.4
12.0
µs
SENSE High to GATE Low
tPHLSENSE (Figures 1, 2)
2
3
4
µs
ISL6140 (L VERSION)
DRAIN Low to PWRGD Low
tPHLPG
(Figures 1, 4A)
0.1
0.9
2.0
µs
DRAIN High to PWRGD High
tPLHPG
(Figures 1, 4A)
0.1
0.7
2.0
µs
ISL6150 (H VERSION)
DRAIN Low to (PWRGD-DRAIN)
High
tPHLPG
(Figures 1, 4B)
6
0.1
0.9
2.0
µs
DRAIN High to (PWRGD-DRAIN)
Low
tPLHPG
(Figures 1, 4B)
6
0.1
0.8
2.0
µs
NOTES:
5. Typical value depends on VDD voltage; see Figure 13, “VGATE vs VDD” (<20V).
6. PWRGD is referenced to DRAIN; VPWRGD-VDRAIN = 0V.
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
Electrical Specifications
VDD = +48V, VEE = +0V Unless Otherwise Specified. All tests are over the full temperature
range; either Commercial (0°C to +70°C) or Industrial (-40°C to +85°C). Typical specs are
at +25°C. Boldface limits apply over the operating temperature range, -40°C to
+85°C. (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
TEST
LEVEL OR
NOTES
PART NUMBER
OR GRADE
UNITS
MIN
(Note 7) TYP
MAX
(Note 7)
ISL6140, ISL6150


Número de pieza similar - ISL6140IBZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6140IBZ-T INTERSIL-ISL6140IBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140IBZ-T INTERSIL-ISL6140IBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140IBZ-T RENESAS-ISL6140IBZ-T Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
More results

Descripción similar - ISL6140IBZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com