Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12025 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL12025
Descripción Electrónicos  Real-Time Clock/Calendar with I2C Bus and EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12025 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL12025 Datasheet HTML 1Page - Intersil Corporation ISL12025 Datasheet HTML 2Page - Intersil Corporation ISL12025 Datasheet HTML 3Page - Intersil Corporation ISL12025 Datasheet HTML 4Page - Intersil Corporation ISL12025 Datasheet HTML 5Page - Intersil Corporation ISL12025 Datasheet HTML 6Page - Intersil Corporation ISL12025 Datasheet HTML 7Page - Intersil Corporation ISL12025 Datasheet HTML 8Page - Intersil Corporation ISL12025 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
®
ISL12025
Real-Time Clock/Calendar with EEPROM
The ISL12025 device is a low power real-time clock with
timing and crystal compensation, clock/calender, 64-bit
unique ID, power-fail indicator, two periodic or polled alarms,
intelligent battery backup switching, CPU Supervisor and
integrated 512 x 8-bit EEPROM, in a 16 Bytes per page
format.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real-time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pinouts
ISL12025
(8 LD SOIC)
TOP VIEW
ISL12025
(8 LD TSSOP)
TOP VIEW
Features
• Real-Time Clock/Calendar
- Tracks Time in Hours, Minutes, and Seconds
- Day of the Week, Day, Month, and Year
• 64-bit Unique ID
• Two Non-Volatile Alarms
- Settable on the Second, Minute, Hour, Day of the Week,
Day, or Month
- Repeat Mode (periodic interrupts)
• Automatic Backup to Battery or SuperCap
• On-Chip Oscillator Compensation
- Internal Feedback Resistor and Compensation
Capacitors
- 64 Position Digitally Controlled Trim Capacitor
- 6 Digital Frequency Adjustment Settings to ±30ppm
• 512 x 8 Bits of EEPROM
- 16-Bytes Page Write Mode (32 total pages)
- 8 Modes of Block Lock™ Protection
- Single Byte Write Capability
• High Reliability
- Data Retention: 50 years
- Endurance: 2,000,000 Cycles Per Byte
•I2C* Interface
- 400kHz Data Transfer Rate
• 800nA Battery Supply Current
• Package Options
- 8 Ld SOIC and 8 Ld TSSOP Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Utility Meters
• Audio/Video Components
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
VRESET
VOLTAGE
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG.
#
ISL12025IBZ 12025IBZ
2.63V
-40 to +85 8 Ld SOIC
M8.15
ISL12025IVZ 2025IVZ
2.63V
-40 to +85 8 Ld TSSOP M8.173
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Add “-T” suffix for tape and reel.
X1
X2
VBAT
VDD
RESET
SCL
SDA
GND
1
2
3
4
7
8
6
5
X1
X2
VBAT
VDD
RESET
SCL
SDA
GND
1
2
3
4
7
8
6
5
New Features
Data Sheet
FN6371.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
*I2C is a Trademark of Philips. Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 18, 2006


Número de pieza similar - ISL12025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12025 INTERSIL-ISL12025 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025IBZ RENESAS-ISL12025IBZ Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025IVZ RENESAS-ISL12025IVZ Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
More results

Descripción similar - ISL12025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com