Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55016IRTZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL55016IRTZ-T7
Descripción Electrónicos  MMIC Silicon Bipolar Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55016IRTZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55016IRTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6526.1
June 24, 2008
OIP3_diff
Output Third Order Intercept Point,
Differential
f1 = 50MHz, f2 = 55MHz
29.1
dBm
f1 = 1.0GHz, f2 = 1.1GHz
26.2
dBm
f1 = 2.0GHz, f2 = 2.1GHz
20.2
dBm
OIP2_diff
Output Second Order Intercept Point,
Differential
f1 = 50MHz, f2 = 55MHz, IM2 @105MHz
54.5
dBm
f1 = 1.0GHz, f2 = 1.1GHz, IM2 @ 2.1GHz
58.6
dBm
f1 = 2.0GHz, f2 = 2.1GHz, IM2 @ 4.1GHz
61.7
dBm
BW_diff
3dB Bandwidth, Differential
3dB below Gain @ 50MHz
2.2
GHz
NF_diff
Noise Figure, Differential
1.0GHz
5.4
dB
FREQ
Frequency Range
0.05
3
GHz
NOTE:
2. The numbers are derived from the single-ended results.
Electrical Specifications
VSP = +5V, ZRSC = 50Ω single-ended connected to VINM, ZLOAD = 100Ω differential across VOM and VOP,
VINP AC-grounded, TA = +25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL55016


Número de pieza similar - ISL55016IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016IRTZ-T7 RENESAS-ISL55016IRTZ-T7 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
More results

Descripción similar - ISL55016IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
MSA-0200 HP-MSA-0200 Datasheet
55Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0500 HP-MSA-0500 Datasheet
66Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0685 HP-MSA-0685 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0770 HP-MSA-0770 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA2111 HP-MSA2111 Datasheet
40Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0404 HP-MSA-0404 Datasheet
74Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0800 HP-MSA-0800 Datasheet
77Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com