Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55016IRTZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL55016IRTZ-T7
Descripción Electrónicos  MMIC Silicon Bipolar Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55016IRTZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL55016IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6526.1
June 24, 2008
Thermal Management
The power dissipation of ISL55016 is about 500mW. The
recommended layout is shown in Figure 31. The ground pad
should be placed under the bottom of the device. At least
two thermal vias are needed to lower the temperature.
Choices of Components
ISL55016 is designed for wide bandwidth applications, from
50MHz to 3GHz. The decoupling and RF choke components
should be chosen carefully for different frequency
applications. Tables 1 and 2 list the components used on the
evaluation board.
Evaluation Board Setup
The Evaluation board is designed to connect directly to the
2-way 180° Power combiner to recombine signals from
-2GHz and allow single-ended assessment with good phase
matching the two differential signals into one single-ended
output. For lower frequencies, a different choice of power
combiner is needed and short matched coaxial cables
should be used to connect to the combiner. This setup is
used on noise figure measurement and differential
OIP2/OIP3 measurements.
TABLE 1. LIST OF COMPONENTS (50MHz~300MHz)
FREQUENCY BAND
VALUE
DESCRIPTION/
DIMENSIONS
C1, C2
2200pF
0603
C4, C5
2200pF
0603
L1, L2
2.2µH
Multilayer
Ferrite/0603
C3
1nF
0603
C6
0.1µF
1206
R1, R2
27
Ω/0Ω
0402
FIGURE 32. |S11| vs FREQUENCY
-30
-25
-20
-15
-10
-5
0
0
0.5G
1.0G
1.5G
2.5G
3.0G
FREQUENCY (Hz)
2.0G
EVAL BOARD WITH
MATCHING NETWORK
PROBE STATION
TABLE 2. LIST OF COMPONENTS (300MHz~3GHz)
FREQUENCY BAND
VALUE
DESCRIPTION/
DIMENSIONS
C1, C2
100pF
0603
C4, C5
100pF
0603
L1, L2
100nH
Surface
Mount/0402
C3
100pF
0603
C6
0.1µF
1206
R1, R2
27
Ω/0Ω
0402
FIGURE 33. EVALUATION BOARD WITH 2-WAY 180° POWER
COMBINER
1
2
3
6
5
4
RFIN
ISL55016
C1
C2
C5
C4
RFOUT
RF
C3
L1
L2
R2
R1
+5V
C6
1
2
s
180°
POWER
COMBINER
DIFFERENTIAL
SIGNAL
OUTPUT
ISL55016


Número de pieza similar - ISL55016IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016IRTZ-T7 RENESAS-ISL55016IRTZ-T7 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
More results

Descripción similar - ISL55016IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
MSA-0200 HP-MSA-0200 Datasheet
55Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0500 HP-MSA-0500 Datasheet
66Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0685 HP-MSA-0685 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0770 HP-MSA-0770 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA2111 HP-MSA2111 Datasheet
40Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0404 HP-MSA-0404 Datasheet
74Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0800 HP-MSA-0800 Datasheet
77Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com