Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL4238EIR-T Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL4238EIR-T
Descripción Electrónicos  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4238EIR-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL4238EIR-T Datasheet HTML 7Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 8Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 9Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 10Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 11Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 12Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 13Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 14Page - Intersil Corporation ISL4238EIR-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
by the internal receiver pull down resistors), the INVALID
logic detects the invalid levels and drives the output low. The
power management logic then uses this indicator to power
down the interface block. Reconnecting the cable restores
valid levels at the receiver inputs, INVALID switches high,
and the power management logic wakes up the interface
block. INVALID can also be used to indicate the DTR or
RING INDICATOR signal, as long as the other receiver
inputs are floating, or driven to GND (as in the case of a
powered down driver).
INVALID switches high 1
µs after detecting a valid RS-232
level on a receiver input. INVALID operates in all modes
(forced or automatic powerdown, or forced on), so it is also
useful for systems employing manual powerdown circuitry.
Enhanced Automatic Powerdown
Even greater power savings is available by using these devices
which feature an enhanced automatic powerdown function.
When the enhanced powerdown logic determines that no
transitions have occurred on any of the transmitter nor receiver
inputs for 30 seconds, the charge pump and transmitters
powerdown, thereby reducing supply current to 10nA. The
ISL4238E/4XE automatically powers back up whenever it
detects a transition on one of these inputs. This automatic
powerdown feature provides additional system power savings
without changes to the existing operating system.
Enhanced automatic powerdown operates when the
FORCEON input is low, and the FORCEOFF input is high.
Tying FORCEON high disables automatic powerdown, but
manual powerdown is always available via the overriding
FORCEOFF input. Table 2 summarizes the enhanced
automatic powerdown functionality.
Figure 7 illustrates the enhanced powerdown control logic.
Note that once the ISL4238E/4XE enters powerdown
(manually or automatically), the 30 second timer remains
timed out (set), keeping the ISL4238E/4XE powered down
until FORCEON transitions high, or until a transition occurs
on a receiver or transmitter input.
The INVALID output signal switches low to indicate that
invalid levels have persisted on all of the receiver inputs for
more than 30
µs (see Figure 9), but this has no direct effect
on the state of the ISL4238E/4XE (see the next sections for
methods of utilizing INVALID to power down the device).
The time to recover from automatic powerdown mode is
typically 100
µs.
Emulating Standard Automatic Powerdown
If enhanced automatic powerdown isn’t desired, the user can
implement the standard automatic powerdown feature (mimics
the function on the ISL4243E) by connecting the INVALID
output to the FORCEON and FORCEOFF inputs, as shown in
Figure 8. After 30
µs of invalid receiver levels, INVALID switches
low and drives the ISL4238E/4XE into a forced powerdown
condition. INVALID switches high as soon as a receiver input
senses a valid RS-232 level, forcing the ISL4238E/4XE to
power on. See the “INVALID DRIVING FORCEON AND
FORCEOFF” section of Table 2 for an operational summary.
This operational mode is perfect for handheld devices that
communicate with another computer via a detachable cable.
Detaching the cable allows the internal receiver pull-down
resistors to pull the inputs to GND (an invalid RS-232 level),
causing the 30
µs timer to time-out and drive the IC into
powerdown. Reconnecting the cablerestores valid levels,
causing the IC to power back up.
Hybrid Automatic Powerdown Options
For devices which communicate only through a detachable
cable, connecting INVALID to FORCEOFF (with
FORCEON = 0) may be a desirable configuration. While the
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - INVALID = 0
VALID RS-232 LEVEL - INVALID = 1
VALID RS-232 LEVEL - INVALID = 1
INDETERMINATE
INDETERMINATE
FIGURE 7. ENHANCED AUTOMATIC POWERDOWN LOGIC
30sec
TIMER
S
R
FORCEOFF
AUTOPWDN
FORCEON
R_IN
T_IN
EDGE
DETECT
EDGE
DETECT
FIGURE 8. CONNECTIONS FOR AUTOMATIC POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
FORCEOFF
INVALID
CPU
I/O
FORCEON
ISL4238E/4XE
UART
ISL4238E, ISL4244E, ISL4245E


Número de pieza similar - ISL4238EIR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL4238EIR-T INTERSIL-ISL4238EIR-T Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4238EIR-T RENESAS-ISL4238EIR-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

Descripción similar - ISL4238EIR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com