Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL4243EIRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL4243EIRZ-T
Descripción Electrónicos  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4243EIRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL4243EIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 10Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 11Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 12Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 13Page - Intersil Corporation ISL4243EIRZ-T Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN8037.7
June 10, 2010
Operation Down to 2.7V
The ISL4241E, ISL4243E transmitter outputs meet RS-562
levels (±3.7V), at the full data rate, with VCC as low as 2.7V.
RS-562 levels typically ensure inter operability with RS-232
devices.
High Data Rates
The ISL4241E, ISL4243E maintain the RS-232 ±5V
minimum transmitter output voltages even at high data rates.
Figure 9 details a transmitter loopback test circuit, and
Figure 10 illustrates the loopback test result at 120kbps. For
this test, all transmitters were simultaneously driving RS-232
loads in parallel with 1000pF, at 120kbps. Figure 11 shows
the loopback results for a single transmitter driving 1000pF
and an RS-232 load at 250kbps. The static transmitters were
also loaded with an RS-232 receiver.
Interconnection with 3V and 5V Logic
The ISL4241E, ISL4243E directly interface with 5V CMOS
and TTL logic families. Nevertheless, with the ISL4241E,
ISL4243E at 3.3V, and the logic supply at 5V, AC, HC, and
CD4000 outputs can drive ISL4241E, ISL4243E inputs, but
ISL4241E, ISL4243E outputs do not reach the minimum VIH
for these logic families. See Table 3 for more information.
FIGURE 9. TRANSMITTER LOOPBACK TEST CIRCUIT
TIME (20µs/DIV)
T1
T2
2V/DIV.
5V/DIV.
VCC = +3.3V
FORCEOFF
FIGURE 8. TRANSMITTER OUTPUTS WHEN EXITING
POWER-DOWN
C1 to C4 = 0.1µF
ISL4241E
VCC
FORCEOFF or SHDN
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5k
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1µF
VCC
FORCEON
ISL4243E
FIGURE 10. LOOPBACK TEST AT 120kbps
FIGURE 11. LOOPBACK TEST AT 250kbps
TABLE 3.
LOGIC FAMILY COMPATIBILITY WITH VARIOUS
SUPPLY VOLTAGES
SYSTEM
POWER-SUPPLY
VOLTAGE
(V)
VCC
SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS
families.
5
5
Compatible with all TTL and
CMOS logic families.
T1IN
T1OUT
R1OUT
5µs/DIV
VCC = +3.3V
5V/DIV
C1 to C4 = 0.1 µF
T1IN
T1OUT
R1OUT
2µs/DIV
5V/DIV.
VCC = +3.3V
C1 - C4 = 0.µF
ISL4241E, ISL4243E


Número de pieza similar - ISL4243EIRZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL4243EIRZ-T RENESAS-ISL4243EIRZ-T Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
More results

Descripción similar - ISL4243EIRZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com