Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22102 Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL22102
Descripción Electrónicos  32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22102 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22102 Datasheet HTML 3Page - Intersil Corporation ISL22102 Datasheet HTML 4Page - Intersil Corporation ISL22102 Datasheet HTML 5Page - Intersil Corporation ISL22102 Datasheet HTML 6Page - Intersil Corporation ISL22102 Datasheet HTML 7Page - Intersil Corporation ISL22102 Datasheet HTML 8Page - Intersil Corporation ISL22102 Datasheet HTML 9Page - Intersil Corporation ISL22102 Datasheet HTML 10Page - Intersil Corporation ISL22102 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6788.0
September 29, 2008
VTH
This terminal allows to set up the threshold level of audio
input to be detected. When audio input to either Left or Right
channel is below this threshold - the FLAG output is Low;
when audio input is above this threshold - the FLAG output
is High. The threshold level is maintained over an external
resistor RTH placed between VTH pin, which is a source of
±10µA current, and VB pin. To calculate the actual threshold
we need to multiply 10µA by a resistor value and divide the
result by 1000. For example, a 100k
Ω resistor is a subject of
1mV audio detection threshold, e.g. 10µA*100k/1000 = 1mV.
Note, the VTH threshold multiplied by 1000 should not exceed
1/2 of AVCC. The maximum resistor value for detection
threshold can be found in Table 2.
Device Operation
There are four sections in the ISL22102: the input control,
counter and decode section, two resistor arrays with
buffered wiper outputs, reference voltage generator of VB
output, and audio detection block with programmable delay
FLAG output. The input control section operates just like an
up/down counter. The output of this counter is decoded to
turn on a single electronic switch, connecting a point on the
resistor array to the wiper output. Each resistor array is
comprised of 31 individual resistors connected in series and
its wiper output pass an attenuated audio input to the power
amplifier. Both resistor arrays have logarithmic taper with
-72dB dynamic range as shown in Table 2.
The ISL22102 is designed to interface directly to two
push-button switches for effectively moving the wipers up or
down. The UP and DN inputs increment or decrement 5-bit
counters respectively. The output of these counters are
decoded to select one of the thirty-two wiper positions along
the resistive array. The wiper increment input, UP, and the
wiper decrement input, DN, are both connected to an
internal pull-up so that they normally remain High. When
pulled Low by an external push button switch or a logic Low
level input, the wipers will be switched to the next adjacent
tap position.
Internal debounce circuitry prevents inadvertent switching of
the wipers position if UP or DN remain Low for less than
15ms, typical. Each of the buttons can be pushed either
once for a single increment/decrement or continuously for a
multiple increments/decrements. When making a continuous
push, after the first second, the device is going to auto
increment/decrement mode. If the button is held for longer
than 1s, the wiper position will be auto
increment/decremented with rate of 4Hz for 4s, and with rate
of 8Hz after that. As soon as the button is released, the
ISL22102 will return to a low power standby condition.
Each wiper acts like its mechanical equivalent and does not
move beyond the last position. That is, the counter does not
wrap around when clocked to either extreme.
Table 3 contains information about attenuation level for each
tap position.
TABLE 2. RTH vs AVCC
AVCC (V)
MAX RTH (kΩ)
5.5
188
5.25
177
5.0
167
4.75
156
4.5
146
4.25
135
4.0
125
3.75
115
3.5
104
3.25
94
3.0
83
2.75
73
TABLE 3. WIPER TAP POSITION vs ATTENUATION
TAP POSITION
ATTENUATION
00
1-2dB
2-4dB
3-6dB
4-8dB
5
-10dB
6
-12dB
7
-14dB
8
-16dB
9
-18dB
10
-20dB
11
-22dB
12
-24dB
13
-26dB
14
-28dB
15
-30dB
16
-32dB
17
-34dB
18
-36dB
19
-38dB
20
-40dB
21
-42dB
22
-44dB
23
-46dB
24
-48dB
25
-50dB
26
-52dB
ISL22102


Número de pieza similar - ISL22102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
270Kb / 12P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
September 21, 2015
ISL22102IR20Z INTERSIL-ISL22102IR20Z Datasheet
270Kb / 12P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
September 21, 2015
logo
Renesas Technology Corp
ISL22102IR20Z RENESAS-ISL22102IR20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results

Descripción similar - ISL22102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Intersil Corporation
ISL22102IV20Z INTERSIL-ISL22102IV20Z Datasheet
270Kb / 12P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
September 21, 2015
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com