Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1572IRZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL1572IRZ-T7
Descripción Electrónicos  Power Line Communication PLC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1572IRZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1572IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL1572IRZ-T7 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN6536.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008, 2009. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL1572
Power Line Communication (PLC)
The ISL1572 is a dual operational amplifier designed for
PLC line driving in OFDM and SSC based solutions. This
device features a high drive capability of 750mA while
consuming only 6mA of supply current per amplifier and
operating from a single 4.5V to 12V supply. The driver
achieves a typical distortion of -80dBc, at 150kHz into a 25
Ω
load.
The ISL1572 is available in the thermally-enhanced
16 Ld QFN or 10 Ld HMSOP package and is specified for
operation over the full -40°C to +85°C temperature range.
The ISL1572 has control pins BIAS0 and BIAS1 for
controlling the bias and enable/disable of the outputs. These
controls allow for lowering the power to fit the
performance/power ratio for the application.
Features
• 21dBm output power capability
• Drives up to 750mA from a +12V supply
•20VP-P differential output drive into 21Ω
• Very low noise floor
• -75dBc typical driver output distortion at 4MHz
• -80dBc typical driver output distortion at 10MHz
• -79dBc typical driver output distortion at 17MHz
• Low quiescent current of 6mA per amplifier
• Supply range
- For ISL1572IUEZ 4.5V to 12V
- For ISL1572IRZ ±2.25V to ±6V, 4.5V to 12V
• 250MHz bandwidth
• Thermal shutdown
• Pb-free (RoHS compliant)
Applications
• UPA digital home standard
Get Full Datasheet
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL1572IRZ
157 2IRZ
-40 to +85
16 Ld QFN
MDP0046
ISL1572IRZ-T7*
157 2IRZ
-40 to +85
16 Ld QFN (Tape and Reel)
MDP0046
ISL1572IUEZ
BBBFA
-40 to +85
10 Ld HMSOP
MDP0050
ISL1572IUEZ-T7*
BBBFA
-40 to +85
10 Ld HMSOP (Tape and Reel)
MDP0050
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Data Sheet
July 2, 2009


Número de pieza similar - ISL1572IRZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL1572IRZ-T7 RENESAS-ISL1572IRZ-T7 Datasheet
181Kb / 2P
   Power Line Communication (PLC)
More results

Descripción similar - ISL1572IRZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
   Power Line Communication (PLC)
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
   Power Line Communication (PLC)
Nov.7.19
logo
Intersil Corporation
ISL1571 INTERSIL-ISL1571 Datasheet
37Kb / 2P
   Power Line Communication PLC
logo
Texas Instruments
TMS320F28PLC83 TI1-TMS320F28PLC83 Datasheet
92Kb / 6P
[Old version datasheet]   TMS320F28PLC83 Power Line Communication (PLC) Microcontroller Technical Brief
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
   Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
logo
STMicroelectronics
STLD1 STMICROELECTRONICS-STLD1 Datasheet
681Kb / 13P
   Power-line communication dual line driver
June 2018
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com