Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1202 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BF1202
Descripción Electrónicos  N-channel dual-gate PoLo MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1202 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF1202_10 Datasheet HTML 1Page - NXP Semiconductors BF1202_10 Datasheet HTML 2Page - NXP Semiconductors BF1202_10 Datasheet HTML 3Page - NXP Semiconductors BF1202_10 Datasheet HTML 4Page - NXP Semiconductors BF1202_10 Datasheet HTML 5Page - NXP Semiconductors BF1202_10 Datasheet HTML 6Page - NXP Semiconductors BF1202_10 Datasheet HTML 7Page - NXP Semiconductors BF1202_10 Datasheet HTML 8Page - NXP Semiconductors BF1202_10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2010 Sep 16
3
NXP Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R; BF1202WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Ts is the temperature of the soldering point of the source lead.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
10
V
ID
drain current
30
mA
IG1
gate 1 current
10
mA
IG2
gate 2 current
10
mA
Ptot
total power dissipation
BF1202; BF1202R
Ts  113 C; note 1
200
mW
BF1202WR
Ts  119 C; note 1
200
mW
Tstg
storage temperature
65
+150
C
Tj
operating junction temperature
150
C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
BF1202; BF1202R
185
K/W
BF1202WR
155
K/W
handbook, halfpage
050
(1)
(2)
Ts (°C)
Ptot
(mW)
100
200
250
0
200
150
150
100
50
MCD951
Fig.4 Power derating curve.
(1) BF1202WR.
(2) BF1202; BF1202R.


Número de pieza similar - BF1202_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
More results

Descripción similar - BF1202_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com