Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC595 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AHC595
Descripción Electrónicos  NPN general-purpose double transistors output latches; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC595 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC595_09 Datasheet HTML 1Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 2Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 3Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 4Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 5Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 6Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 7Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 8Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74AHC_AHCT595_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 August 2009
2 of 21
NXP Semiconductors
74AHC595; 74AHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC595
74AHC595D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74AHC595PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74AHC595BQ
−40 °C to +125 °C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
16 terminals; body 2.5
× 3.5 × 0.85 mm
SOT763-1
74AHCT595
74AHCT595D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74AHCT595PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74AHCT595BQ
−40 °C to +125 °C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
16 terminals; body 2.5
× 3.5 × 0.85 mm
SOT763-1
Fig 1.
Functional diagram
mna554
3-STATE OUTPUTS
8-BIT STORAGE REGISTER
8-STAGE SHIFT REGISTER
Q
0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Q
7S
14
15
1
2
34567
9
D
S
SH
CP
ST
CP
OE
11
10
12
13
MR


Número de pieza similar - 74AHC595_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHC595BQ NEXPERIA-74AHC595BQ Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHC595BQ-Q100 NEXPERIA-74AHC595BQ-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74AHC595D PHILIPS-74AHC595D Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
logo
Nexperia B.V. All right...
74AHC595D NEXPERIA-74AHC595D Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
More results

Descripción similar - 74AHC595_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
   NPN general-purpose double transistors
Rev. 04 - 18 December 2009
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
   NPN general purpose double transistors
1999 May 21
logo
Nexperia B.V. All right...
BCV63 NEXPERIA-BCV63 Datasheet
949Kb / 12P
   NPN general-purpose double transistors
Rev. 4 - 4 August 2010
logo
NXP Semiconductors
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
   NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
BCV61 PHILIPS-BCV61_15 Datasheet
147Kb / 13P
   NPN general-purpose double transistors
Rev. 04-18 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com