Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA-254CS-MM Datasheet(PDF) 1 Page - Tensility International Corp.

No. de pieza CA-254CS-MM
Descripción Electrónicos  Cable, 4 conductor, 2.5 mm plug to 2.5 mm plug, with ring, 6 feet, shielded, 26 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TENSILITY [Tensility International Corp.]
Página de inicio  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-254CS-MM Datasheet(HTML) 1 Page - Tensility International Corp.

  CA-254CS-MM Datasheet HTML 1Page - Tensility International Corp. CA-254CS-MM Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
05/11/09
mm
A1
CA-254CS-M/M
Cable, 4 conductor, 2.5 mm plug to 2.5 mm
plug, with ring, 6 feet, shielded, 26 AWG
tolerance
.X: ±0.5 mm
.XX: ±0.2 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Specifications:
cable description
4 conductor (red, yellow, green, black ), 0.16x7, aluminum foil
shield (0.2x7)
receptacle overmold
black PVC
cable outer diameter
3.7
cable material
non UL 60P
cable color
black
cable gauge
AWG #26
cable length
1830
plug description
P/N 50-00006
max voltage
300 V/S 0.5mA
max current
2 A
Notes: RoHS compliant
Mechanical drawing:
Wiring diagram:
1 of 2


Número de pieza similar - CA-254CS-MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tensility International...
CA-254CS-M TENSILITY-CA-254CS-M Datasheet
341Kb / 2P
   Cable, 1830 mm, 4C 2.5mm 50-00006 plug with metal ring to same, 26 AWG
More results

Descripción similar - CA-254CS-MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tensility International...
CA-254S-MM TENSILITY-CA-254S-MM Datasheet
160Kb / 2P
   Cable, 4 conductor, 2.5mm plug to 2.5 mm plug, no ring, 6 feet, shielded, 26 AWG
CA-254S TENSILITY-CA-254S Datasheet
82Kb / 2P
   Cable, 4 conductor, 2.5 mm plug, no ring, to stripped & tinned, 6 feet, shielded, 26 AWG
CA-354S-MM TENSILITY-CA-354S-MM Datasheet
55Kb / 2P
   Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG
CA-354S TENSILITY-CA-354S Datasheet
85Kb / 2P
   Cable, 4 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
CA-356CS TENSILITY-CA-356CS Datasheet
58Kb / 2P
   Cable, 6 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
CA-254CS TENSILITY-CA-254CS Datasheet
50Kb / 2P
   Cable, 4 conductor, 2.5mm plug to stripped/ tinned, with ring, 6 feet, shielded, 26AWG
CA-2209 TENSILITY-CA-2209 Datasheet
117Kb / 2P
   Extension cable, 5.5 x 2.5 mm DC jack to P6 plug, 6 feet, 18 AWG zip cord
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
   Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
CA-2201 TENSILITY-CA-2201 Datasheet
126Kb / 2P
   Cable, 1830 mm, 2.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
10-00343 TENSILITY-10-00343 Datasheet
112Kb / 2P
   Cable, 1830 mm, 2.5 mm 50-00032 slim mono plug to stripped tinned, 28 AWG, shielded
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com