Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1GX04DBVRE4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza 74LVC1GX04DBVRE4
Descripción Electrónicos  CRYSTAL OSCILLATOR DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1GX04DBVRE4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVC1GX04DBVRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC1GX04
CRYSTAL OSCILLATOR DRIVER
SCES581B – JULY 2004 – REVISED DECEMBER 2006
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
Data retention only
1.5
V
Crystal oscillator use
2
VIH
High-level input voltage
VCC = 1.65 V to 5.5 V
0.75
× V
CC
V
VIL
Low-level input voltage
VCC = 1.65 V to 5.5 V
0.25
× V
CC
V
VI
Input voltage
0
5.5
V
X2, Y
0
VCC
VO
Output voltage
V
Y output only, Power-down mode, VCC = 0 V
0
5.5
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ±0.5 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3
Submit Documentation Feedback


Número de pieza similar - 74LVC1GX04DBVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC1GX04DBVTG4 TI1-74LVC1GX04DBVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
More results

Descripción similar - 74LVC1GX04DBVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
STMicroelectronics
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
   Rad-hard, crystal oscillator driver and divider
May 2020 Rev 1
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com