Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3-1437626-1 Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza 3-1437626-1
Descripción Electrónicos  Pushbutton Switches, Splashproof Boot Seals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1437626-1 Datasheet(HTML) 3 Page - Tyco Electronics

  3-1437626-1 Datasheet HTML 1Page - Tyco Electronics 3-1437626-1 Datasheet HTML 2Page - Tyco Electronics 3-1437626-1 Datasheet HTML 3Page - Tyco Electronics 3-1437626-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D33
D
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
BP T/M Series
Pushbutton Switches, Panel Seal
MATERIALS
The flexible panel seal is custom molded of Neoprene rubber for
long life, flexibility and chemical resistance. The threaded plastic
adaptor is molded of ABS thermoplastic, is impact resistant and
designed for ease of mounting.
BPM
For use with Miniature Pushbutton
The BPM seal adaptor accommodates all AUGAT/ALCOSWITCH MPA Series of
pushbutton switches utilizing the 1/4-40 threaded bushing.
Part Number
Tyco
Alcoswitch
Color* of Seal
Electronics
3-1437626-0
BPM15320
Black
3-1437626-1
BPM15322
Red
3-1437626-2
BPM15328
Gray
(*) Custom seal colors are available upon special request.
BPT
For use with Tiny Series TPF Pushbutton
The BPT seal adaptor accommodates all AUGAT/ALCOSWITCH TPF Series Tiny
Pushbutton switches utilizing the 1/4-40 threading bushing.
Part Number
Tyco
Alcoswitch
Color* of Seal
Electronics
3-1437626-3
BPT15320
Black
3-1437626-4
BPT15322
Red
3-1437626-5
BPT15328
Grey
(*) Custom seal colors are available upon special request.
BPM15320
BPT15328
.750
(19.0)
DIA.
.547
(13.9)
1/4-40
UNS-2B
15/32 UNS-2A
SPACER
(LOOSE PART)
HEX NUT
.375
(9.53)
.354
(8.99)
DIA.
.260
(6.60)
DIA.
.625
(15.9)
.080
(2.03)
.250
(6.35)
.118
(3.00)
.146
(3.71)
CAP
.750
(19.0)
DIA.
.547
(13.9)
15/32 UNS-2A
HEX NUT
.375
(9.53)
.625
(15.9)
.067
(1.70)
.080
(2.03)
.250
(6.35)
CAP
1/4-40 UNS-2B
ADAPTOR
FEATURES
The BP Series offers a unique means of sealing pushbutton
switches, using a standard 1/4-40 threading bushing, to almost any
thickness panel. Simply install the BP adaptor into a 15/32" dia. or
1/2" dia. panel opening and secure with its hex nut. The switch is
then threaded into the previously mounted adaptor and tightened
into place. A complete and decorative panel seal is the result of the
simple process.


Número de pieza similar - 3-1437626-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
3-1437610-5 MACOM-3-1437610-5 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
3-1437610-6 MACOM-3-1437610-6 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
3-1437610-7 MACOM-3-1437610-7 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
More results

Descripción similar - 3-1437626-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com