Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
7-1437558-1 Datasheet(PDF) 9 Page - Tyco Electronics |
|
7-1437558-1 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 14 page C51 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTM-PC Series Toggle Switches, MT Series, PC Tail, Short Bat Actuator SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) SPDT MTM106DPC MTM406NPC 4PDT 3PDT MTM306DPC DPDT/SP3T MTM206NPC .645 (16.38) .170 (4.32) TYP. 1/4-40 UNS-2A .315 (8.00) .030 (0.76) .270 (6.90) .394 (10.00) 24 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .062 (1.60) .512 (13.00) .190 (4.83) TYP. .512 (13.00) .120 (3.05) DIA. Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437559-6 MTM106DPC SPDT 1 On None On 4-1437559-7 MTM106EPC SPDT 5 On Off On 4-1437559-8 MTM106FPC SPDT 1 On None (On) (On) indicates momentary position. .645 (16.38) .170 (4.32) TYP. .120 (3.05) DIA. 1/4-40 UNS-2A .315 (8.00) .030 (0.76) .270 (6.90) .394 (10.00) 24 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .062 (1.60) .090 (2.28) .046 (1.17) .189 (4.80) .315 (8.00) .512 (13.00) .743 (18.87) .170 (4.32) TYP. 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP. .270 (6.90) .492 (12.50) 24 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .062 (1.60) .090 (2.28) .046 (1.17) .189 (4.80) .700 (17.78) .096 (2.20) TYP. .512 (13.00) SPDT .073 (1.85) Dia. Typ. .190 (4.83) TYP. .120 (3.05) DIA. .743 (18.87) .170 (4.32) TYP. 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP. .890 (22.60) .190 (4.83) TYP. .512 (13.00) .270 (6.90) .492 (12.50) 24 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .062 (1.60) .090 (2.28) .046 (1.17) .189 (4.80) .120 (3.05) DIA. 1/4-40 UNS-2A (0.76) .062 (1.60) .090 (2.28) .046 (1.17) .189 (4.80) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) Tyco Alcoswitch Type Act. Code P. M5 Electronics 5-1437559-3 MTM306DPC 3PDT 3 On None On Tyco Alcoswitch Type Act. Code P. M5 Electronics 5-1437559-4 MTM406NPC 4PDT 4 On None On Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437559-9 MTM206NPC DPDT 2 On None On 5-1437559-2 MTM206SPC DPDT 6 (On) Off (On) 5-1437559-0 *MTM206PAPC SP3T 11 On On On (On) indicates momentary position. .*Note: PA types have case .100/(2.50) longer than other types. |
Número de pieza similar - 7-1437558-1 |
|
Descripción similar - 7-1437558-1 |