Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2199 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SK2199
Descripción Electrónicos  Very High-Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2199 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK2199 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2199 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2199 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Número de pieza similar - 2SK2199

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
2SK2190 SHINDENGEN-2SK2190 Datasheet
384Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
logo
Inchange Semiconductor ...
2SK2190 ISC-2SK2190 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
2SK2191 SHINDENGEN-2SK2191 Datasheet
389Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
logo
Inchange Semiconductor ...
2SK2191 ISC-2SK2191 Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
2SK2192 SHINDENGEN-2SK2192 Datasheet
393Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
More results

Descripción similar - 2SK2199

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK1417 SANYO-2SK1417 Datasheet
87Kb / 3P
   Very High-Speed Switching Applications
2SK1420 SANYO-2SK1420 Datasheet
88Kb / 3P
   Very High-Speed Switching Applications
2SK1425 SANYO-2SK1425 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1429 SANYO-2SK1429 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1430 SANYO-2SK1430 Datasheet
88Kb / 3P
   Very High-Speed Switching Applications
2SK1432 SANYO-2SK1432 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1433 SANYO-2SK1433 Datasheet
87Kb / 3P
   Very High-Speed Switching Applications
2SK1451 SANYO-2SK1451 Datasheet
93Kb / 3P
   Very High-Speed Switching Applications
2SK1463 SANYO-2SK1463 Datasheet
98Kb / 3P
   Very High-Speed Switching Applications
2SK1472 SANYO-2SK1472 Datasheet
84Kb / 3P
   Very High-Speed Switching Applications
2SK1724 SANYO-2SK1724 Datasheet
81Kb / 3P
   Very High-Speed Switching Applications
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com