Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59605IRZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL59605IRZ-T7
Descripción Electrónicos  MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59605IRZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59605IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2010. All Rights Reserved
Intersil (and design) and MegaQ are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
MegaQ™: An Automatic Composite Video Equalizer,
Fully-Adaptive to 1 Mile (1600m)
ISL59601, ISL59602, ISL59603, ISL59604, ISL59605
The ISL59601, ISL59602, ISL59603, ISL59604, and
ISL59605 (the “MegaQ™” product family) are
single-channel adaptive equalizers designed to
automatically compensate for long runs of Cat 5/6 or
RG-59 cable, producing high quality video output with no
user interaction. The ISL59601 equalizes Cat 5/6 up to a
distance of 1000 feet (300 meters), while the ISL59605
equalizes up to 5300 feet (1600 meters).
MegaQ™ compensates for high frequency cable losses
of up to 60dB (ISL59605) at 5MHz as well as source
amplitude variations up to ±3dB.
The ISL59601, ISL59602, ISL59603, ISL59604, and
ISL59605 operate from a single +5V supply. Inputs are
AC-coupled and internally DC-restored. The output can
drive 2VP-P into two source-terminated 75Ω loads
(AC-coupled or DC-coupled).
Related Literature* (see page 26)
• AN1598 “Installation and Operation of Intersil's
ISL59605IRZ-EVALZ Evaluation Boards” (Stand-Alone
Evaluation Board)
• AN1588 “Installation and Operation of Intersil's
ISL59605-SPI-EVALZ Evaluation Boards” (Evaluation
Board with USB Serial Interface)
Features
• ISL59605 Equalizes Up to 1 Mile (1600m) of Cat 5/6
and Up to 6000 Feet (1800m) of RG-59
• Fully Automatic, Stand-Alone Operation - No User
Adjustment Required
• ±8kV ESD Protection on All Inputs
• Automatic Cable Type Compensation
• Compatible with Color or Monochrome, NTSC or PAL
Signals
• Automatic Polarity Detection and Inversion
• Compensates for ±3dB Source Variation (in Addition
to Cable Losses)
• Optional Serial Interface Adds Additional
Functionality
• 5MHz -3dB Bandwidth
• Works with Single-Ended or Differential Inputs
• Output Drives Up to Two 150Ω Video Loads
Applications*(see page 26)
• Surveillance Video
• Video Distribution
Typical Application
November 23, 2010
FN6739.1


Número de pieza similar - ISL59605IRZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59605IRZ-T7 INTERSIL-ISL59605IRZ-T7 Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59605IRZ-T7 RENESAS-ISL59605IRZ-T7 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59605IRZ-T7A INTERSIL-ISL59605IRZ-T7A Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59605IRZ-T7A RENESAS-ISL59605IRZ-T7A Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
More results

Descripción similar - ISL59605IRZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Maxim Integrated Produc...
MAX7474 MAXIM-MAX7474 Datasheet
291Kb / 10P
   Adaptive Equalizer for Video Over Twisted Pair
Rev 0; 1/08
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com