Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8594SD Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA8594SD
Descripción Electrónicos  I2C-bus controlled 4 X 50 W power amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8594SD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8594SD Datasheet HTML 3Page - NXP Semiconductors TDA8594SD Datasheet HTML 4Page - NXP Semiconductors TDA8594SD Datasheet HTML 5Page - NXP Semiconductors TDA8594SD Datasheet HTML 6Page - NXP Semiconductors TDA8594SD Datasheet HTML 7Page - NXP Semiconductors TDA8594SD Datasheet HTML 8Page - NXP Semiconductors TDA8594SD Datasheet HTML 9Page - NXP Semiconductors TDA8594SD Datasheet HTML 10Page - NXP Semiconductors TDA8594SD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TDA8594_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 11 December 2007
7 of 48
NXP Semiconductors
TDA8594
I2C-bus controlled 4
× 50 W power amplifier
7.7 Standby and mute operation
The function of the STB pin is different in legacy mode and I2C-bus mode.
7.7.1 Legacy mode (pin ADSEL connected to ground)
The function of the STB pin will change from standby/operating to standby/mute/operating
and the amplifier will start directly when the STB is put into mute or operating mode. Mute
operating is controlled via an internal timer (20 ms) to minimize mute-on pops. When the
STB pin is switched directly from operating to standby, first the fast mute will be activated
(switching to mute within 100
µs) and then the amplifier will shut-down.
7.7.2 I2C-bus mode
When the STB pin is LOW, the total quiescent current is low, and the I2C-bus lines will not
be loaded.
When the STB pin is switched HIGH, the TDA8594 is put in operating condition and will
perform a Power-On Reset (POR), which results in a LOW level DIAG pin. The TDA8594
will start up when instruction bit IB1[D0] is set. Bit D0 will also reset the ‘power-on reset
occurred’ bit (DB2[D7]) and releases the DIAG pin.
The soft mute and fast mute can be activated via the I2C-bus. The soft mute can be
activated independently for the front channels (channel 1 and channel 3) and rear
channels (channel 2 and channel 4), and mutes the audio in 20 ms. The fast mute
activates the mute for all channels at the same time and mutes the audio in 0.1 ms.
Releasing the mute after a fast mute will be by a soft un-mute of approximately 20 ms.
When the STB pin is switched to Standby mode and the amplifier has started, first the fast
mute will be activated and then the amplifier will shut-down. For instance, during an
engine start, it is possible to fully mute the amplifiers within 100
µs by switching the STB
pin to zero.
7.8 Start-up and shut-down sequence
To prevent the amplifier producing switch-on or switch-off pop noise, the capacitor on the
SVR pin is used for smooth start-up and shut-down. Increasing the value of the SVR
capacitor will mean a longer start-up and shut-down time. The amplifier output voltage is
charged to half the supply voltage minus 1.4 V in mute condition, independent of the
I2C-bus mute settings in I2C-bus mode or STB voltage in legacy mode. The last 1.4 V,
where the output will reach half the supply voltage, is used to release the mute if the
I2C-bus bits were set to mute off (IB2[D2:D0] = 000; VSTB > 6.5 V in legacy mode), or will
stay in mute when the bits were set to mute (2.6V<VSTB < 4.5 V in legacy mode).
When the amplifier is switched off by pulling the STB pin LOW, the amplifier is first muted
(fast mute) and then the capacitor on the SVR pin is discharged. With an SVR capacitor of
22
µF, the standby current has reached 1 second after the STB pin is switched to zero
(see Figure 3, Figure 4, Figure 5 and Figure 6).
The start-up and shut-down pop can be further decreased by activating the low pop mode.
When the low pop mode is enabled (IB2[D3] = 0), the output voltage rise from ground level
during start-up will be slower (see Figure 5). This will decrease the pop even more but will
increase the start-up time.


Número de pieza similar - TDA8594SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
More results

Descripción similar - TDA8594SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
   4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com