Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2316 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SK2316
Descripción Electrónicos  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2316 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK2316 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2316 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2316 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2316 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK2316
Ordering number : EN5300A
Ultrahigh-Speed Switching Applications
N-Channel Silicon MOSFET
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
11697YK (KOTO) TA-0121 No.5300-1/4
Package Dimensions
unit: mm
2062A-PCP
[2SK2316]
SANYO: PCP
(Bottom View)
1 : Gate
2 : Drain
3 : Source
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
2A
Drain Current (Pulse)
IDP
PW
≤10µd, duty cycle≤1%
8
A
Allowable Power Dissipation
PD
Mounted on ceramic board
1.5
W
(250mm
2
×0.8mm)
Tc=25°C
3.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
D-S Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
20
V
G-S Breakdown Voltage
V(BR)GSS
IG=±100µA, VDS=0
±10
V
Zero-Gate Voltage
IDSS
VDS=16V, VGS=0
100
µA
Drain Current
Gate-to-Source Leakage Current IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.5
V
Forward Transfer Admittance
yfs
VDS=10V, ID=1A
1.8
2.8
S
Static Drain-to-Source
RDS(on)
ID=1A, VGS=4V
140
200
m
ON-State Resistance
RDS(on)
ID=1A, VGS=2.5V
200
320
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
170
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
145
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
50
pF
Continued on next page.
Features
• Low ON resistance.
• Ultrahigh-speed switching.
• Low-voltage drive (2.5V drive).


Número de pieza similar - 2SK2316

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311 Datasheet
292Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
2SK2311 TOSHIBA-2SK2311 Datasheet
771Kb / 6P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
2SK2311 TOSHIBA-2SK2311 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2311 TOSHIBA-2SK2311 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2311-262 ISC-2SK2311-262 Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2316

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com