Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA10339F Datasheet(PDF) 8 Page - Rohm

No. de pieza BA10339F
Descripción Electrónicos  Comparators : Ground Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA10339F Datasheet(HTML) 8 Page - Rohm

Back Button BA10339F Datasheet HTML 4Page - Rohm BA10339F Datasheet HTML 5Page - Rohm BA10339F Datasheet HTML 6Page - Rohm BA10339F Datasheet HTML 7Page - Rohm BA10339F Datasheet HTML 8Page - Rohm BA10339F Datasheet HTML 9Page - Rohm BA10339F Datasheet HTML 10Page - Rohm BA10339F Datasheet HTML 11Page - Rohm BA10339F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
8/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
○BA10339 family
(*)The data above is ability value of sample, it is not guaranteed.
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA10339 family
3V
5V
36V
60
70
80
90
100
110
120
130
140
010
20
30
40
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
0
1
2
3
4
5
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA10339 family
5mV overdrive
20mV overdrive
100mV overdrive
0
1
2
3
4
5
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA10339 family
5mV overdrive
20mV overdrive
100mV overdrive
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA10339 family
3V
5V
36V
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
BA10339 family
-40℃
25℃
85℃
0
25
50
75
100
125
150
-50
-25
0
255075
100
AMBIENT TEMPERATURE [°C]
BA10339 family
3V
5V
36V
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA10339 family
BA10339 family
Common Mode Rejection Ratio
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
Input Offset Current – Ambient Temperature
Large Signal Voltage Gain
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
Response Time (Low to High)
- Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[k
Ω])
Response Time (High to Low)
- Ambient Temperature
(VCC=5[V],VRL=5[V])
Power Supply Rejection Ratio
– Ambient Temperature
Fig. 33
Fig. 34
Fig. 35
Fig. 36
Fig. 37
Fig. 38
Fig. 39
Fig. 40


Número de pieza similar - BA10339F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
52Kb / 4P
   Quad comparator
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA10339F ROHM-BA10339F Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339F ROHM-BA10339F Datasheet
551Kb / 25P
   Ground Sense Comparators
BA10339F ROHM-BA10339F Datasheet
533Kb / 25P
   Ground Sense Comparators
More results

Descripción similar - BA10339F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com