Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3414LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza 2SK3414LS
Descripción Electrónicos  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3414LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3414LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK3414LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK3414LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK3414LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3414LS
No.7152-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=20V, f=1MHz
1700
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
380
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
110
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
16
ns
Rise Time
tr
See specified Test Circuit.
100
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
190
ns
Fall Time
tf
See specified Test Circuit.
90
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=30A
52
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=30A
6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=30A
12
nC
Diode Forward Voltage
VSD
IS=30A, VGS=0
0.96
1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
G
S
ID=15A
RL=2Ω
VDD=30V
VOUT
VIN
D
2SK3414LS
5
10
15
20
25
30
--60
--40
--20
0
20
40
60
80
100
120
140
02
4
8
6
1012141618
20
10
20
30
40
50
60
70
0
ID -- VDS
IT04123
IT04125
IT04124
IT04126
0
0.2
0.4
0.8
0.6
1.0
1.2
1.4
1.6
1.8
2.0
RDS(on) -- VGS
ID -- VGS
RDS(on) -- Tc
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VGS=2.0V
Tc=25
°C
ID=10A
I D
=10A,
V GS
=4V
I D=10A,
V GS
=10V
VDS=10V
2.5V
10
20
30
40
50
0
10
20
30
40
50
60
0
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C


Número de pieza similar - 2SK3414LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK3414LS ISC-2SK3414LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3414LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com