Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP7NK80Z Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STP7NK80Z
Descripción Electrónicos  N-channel 800 V, 1.5 廓, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK80Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP7NK80Z_10 Datasheet HTML 7Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 8Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 9Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 10Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 11Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 12Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 13Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 14Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STB7NK80Z, STB7NK80Z-1, STP7NK80ZFP, STP7NK80Z
Package mechanical data
Doc ID 8979 Rev 6
11/17
Figure 23. TO-220FP drawing
Table 9.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1


Número de pieza similar - STP7NK80Z_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
STP7NK80ZF ISC-STP7NK80ZF Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP7NK80ZFP STMICROELECTRONICS-STP7NK80ZFP Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP7NK80ZFP STMICROELECTRONICS-STP7NK80ZFP Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
More results

Descripción similar - STP7NK80Z_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
   N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
   N-channel 600 V, 0.48 廓, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com